Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA640 Datasheet(PDF) 229 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 229 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 225Page - Microchip Technology ATMEGA640 Datasheet HTML 226Page - Microchip Technology ATMEGA640 Datasheet HTML 227Page - Microchip Technology ATMEGA640 Datasheet HTML 228Page - Microchip Technology ATMEGA640 Datasheet HTML 229Page - Microchip Technology ATMEGA640 Datasheet HTML 230Page - Microchip Technology ATMEGA640 Datasheet HTML 231Page - Microchip Technology ATMEGA640 Datasheet HTML 232Page - Microchip Technology ATMEGA640 Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 436 page
background image
229
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
23.4 Frame Formats
A serial frame for the MSPIM is defined to be one character of 8 data bits. The USART in MSPIM mode has two
valid frame formats:
•
8-bit data with MSB first
•
8-bit data with LSB first
A frame starts with the least or most significant data bit. Then the next data bits, up to a total of eight, are succeed-
ing, ending with the most or least significant bit accordingly. When a complete frame is transmitted, a new frame
can directly follow it, or the communication line can be set to an idle (high) state.
The UDORDn bit in UCSRnC sets the frame format used by the USART in MSPIM mode. The Receiver and Trans-
mitter use the same setting. Note that changing the setting of any of these bits will corrupt all ongoing
communication for both the Receiver and Transmitter.
16-bit data transfer can be achieved by writing two data bytes to UDRn. A UART transmit complete interrupt will
then signal that the 16-bit value has been shifted out.
23.4.1
USART MSPIM Initialization
The USART in MSPIM mode has to be initialized before any communication can take place. The initialization pro-
cess normally consists of setting the baud rate, setting master mode of operation (by setting DDR_XCKn to one),
setting frame format and enabling the Transmitter and the Receiver. Only the transmitter can operate inde-
pendently. For interrupt driven USART operation, the Global Interrupt Flag should be cleared (and thus interrupts
globally disabled) when doing the initialization.
Note:
To ensure immediate initialization of the XCKn output the baud-rate register (UBRRn) must be zero at the time the
transmitter is enabled. Contrary to the normal mode USART operation the UBRRn must then be written to the desired
value after the transmitter is enabled, but before the first transmission is started. Setting UBRRn to zero before
enabling the transmitter is not necessary if the initialization is done immediately after a reset since UBRRn is reset to
zero.
Before doing a re-initialization with changed baud rate, data mode, or frame format, be sure that there is no ongo-
ing transmissions during the period the registers are changed. The TXCn Flag can be used to check that the
Transmitter has completed all transfers, and the RXCn Flag can be used to check that there are no unread data in
the receive buffer. Note that the TXCn Flag must be cleared before each transmission (before UDRn is written) if it
is used for this purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com