Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA640 Datasheet(PDF) 8 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 8 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 4Page - Microchip Technology ATMEGA640 Datasheet HTML 5Page - Microchip Technology ATMEGA640 Datasheet HTML 6Page - Microchip Technology ATMEGA640 Datasheet HTML 7Page - Microchip Technology ATMEGA640 Datasheet HTML 8Page - Microchip Technology ATMEGA640 Datasheet HTML 9Page - Microchip Technology ATMEGA640 Datasheet HTML 10Page - Microchip Technology ATMEGA640 Datasheet HTML 11Page - Microchip Technology ATMEGA640 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 436 page
background image
8
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
2.3.6
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port D also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on
page 80.
2.3.7
Port E (PE7..PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port E also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on
page 82.
2.3.8
Port F (PF7..PF0)
Port F serves as analog inputs to the A/D Converter.
Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal
pull-up resistors (selected for each bit). The Port F output buffers have symmetrical drive characteristics with both
high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not
running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be
activated even if a reset occurs.
Port F also serves the functions of the JTAG interface.
2.3.9
Port G (PG5..PG0)
Port G is a 6-bit I/O port with internal pull-up resistors (selected for each bit). The Port G output buffers have sym-
metrical drive characteristics with both high sink and source capability. As inputs, Port G pins that are externally
pulled low will source current if the pull-up resistors are activated. The Port G pins are tri-stated when a reset con-
dition becomes active, even if the clock is not running.
Port G also serves the functions of various special features of the ATmega640/1280/1281/2560/2561 as listed on
page 86.
2.3.10
Port H (PH7..PH0)
Port H is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port H output buf-
fers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port H pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port H pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port H also serves the functions of various special features of the ATmega640/1280/2560 as listed on page 88.
2.3.11
Port J (PJ7..PJ0)
Port J is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port J output buffers
have symmetrical drive characteristics with both high sink and source capability. As inputs, Port J pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port J pins are tri-stated when a
reset condition becomes active, even if the clock is not running. Port J also serves the functions of various special
features of the ATmega640/1280/2560 as listed on page 90.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com