Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA640 Datasheet(PDF) 243 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 243 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 239Page - Microchip Technology ATMEGA640 Datasheet HTML 240Page - Microchip Technology ATMEGA640 Datasheet HTML 241Page - Microchip Technology ATMEGA640 Datasheet HTML 242Page - Microchip Technology ATMEGA640 Datasheet HTML 243Page - Microchip Technology ATMEGA640 Datasheet HTML 244Page - Microchip Technology ATMEGA640 Datasheet HTML 245Page - Microchip Technology ATMEGA640 Datasheet HTML 246Page - Microchip Technology ATMEGA640 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 436 page
background image
243
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
•
TWBR = Value of the TWI Bit Rate Register
•
TWPS = Value of the prescaler bits in the TWI Status Register
Note:
Pull-up resistor values should be selected according to the SCL frequency and the capacitive bus line load. See “2-
wire Serial Interface Characteristics” on page 361 for value of pull-up resistor.
24.5.3
Bus Interface Unit
This unit contains the Data and Address Shift Register (TWDR), a START/STOP Controller and Arbitration detec-
tion hardware. The TWDR contains the address or data bytes to be transmitted, or the address or data bytes
received. In addition to the 8-bit TWDR, the Bus Interface Unit also contains a register containing the (N)ACK bit to
be transmitted or received. This (N)ACK Register is not directly accessible by the application software. However,
when receiving, it can be set or cleared by manipulating the TWI Control Register (TWCR). When in Transmitter
mode, the value of the received (N)ACK bit can be determined by the value in the TWSR.
The START/STOP Controller is responsible for generation and detection of START, REPEATED START, and
STOP conditions. The START/STOP controller is able to detect START and STOP conditions even when the AVR
MCU is in one of the sleep modes, enabling the MCU to wake up if addressed by a Master.
If the TWI has initiated a transmission as Master, the Arbitration Detection hardware continuously monitors the
transmission trying to determine if arbitration is in process. If the TWI has lost an arbitration, the Control Unit is
informed. Correct action can then be taken and appropriate status codes generated.
24.5.4
Address Match Unit
The Address Match unit checks if received address bytes match the seven-bit address in the TWI Address Regis-
ter (TWAR). If the TWI General Call Recognition Enable (TWGCE) bit in the TWAR is written to one, all incoming
address bits will also be compared against the General Call address. Upon an address match, the Control Unit is
informed, allowing correct action to be taken. The TWI may or may not acknowledge its address, depending on set-
tings in the TWCR. The Address Match unit is able to compare addresses even when the AVR MCU is in sleep
mode, enabling the MCU to wake up if addressed by a Master. If another interrupt (for example, INT0) occurs
during TWI Power-down address match and wakes up the CPU, the TWI aborts operation and return to it’s idle
state. If this cause any problems, ensure that TWI Address Match is the only enabled interrupt when entering
Power-down.
24.5.5
Control Unit
The Control unit monitors the TWI bus and generates responses corresponding to settings in the TWI Control Reg-
ister (TWCR). When an event requiring the attention of the application occurs on the TWI bus, the TWI Interrupt
Flag (TWINT) is asserted. In the next clock cycle, the TWI Status Register (TWSR) is updated with a status code
identifying the event. The TWSR only contains relevant status information when the TWI Interrupt Flag is asserted.
At all other times, the TWSR contains a special status code indicating that no relevant status information is avail-
able. As long as the TWINT Flag is set, the SCL line is held low. This allows the application software to complete its
tasks before allowing the TWI transmission to continue.
The TWINT Flag is set in the following situations:
•
After the TWI has transmitted a START/REPEATED START condition
•
After the TWI has transmitted SLA+R/W
•
After the TWI has transmitted an address byte
•
After the TWI has lost arbitration
•
After the TWI has been addressed by own slave address or general call
•
After the TWI has received a data byte
•
After a STOP or REPEATED START has been received while still addressed as a Slave
•
When a bus error has occurred due to an illegal START or STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com