Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA640 Datasheet(PDF) 295 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 295 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 291Page - Microchip Technology ATMEGA640 Datasheet HTML 292Page - Microchip Technology ATMEGA640 Datasheet HTML 293Page - Microchip Technology ATMEGA640 Datasheet HTML 294Page - Microchip Technology ATMEGA640 Datasheet HTML 295Page - Microchip Technology ATMEGA640 Datasheet HTML 296Page - Microchip Technology ATMEGA640 Datasheet HTML 297Page - Microchip Technology ATMEGA640 Datasheet HTML 298Page - Microchip Technology ATMEGA640 Datasheet HTML 299Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 436 page
background image
295
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
28. IEEE 1149.1 (JTAG) Boundary-scan
28.1 Features
• JTAG (IEEE std. 1149.1 compliant) Interface
• Boundary-scan Capabilities According to the JTAG Standard
• Full Scan of all Port Functions as well as Analog Circuitry having Off-chip Connections
• Supports the Optional IDCODE Instruction
• Additional Public AVR_RESET Instruction to Reset the AVR
28.2 System Overview
The Boundary-scan chain has the capability of driving and observing the logic levels on the digital I/O pins, as well
as the boundary between digital and analog logic for analog circuitry having off-chip connections. At system level,
all ICs having JTAG capabilities are connected serially by the TDI/TDO signals to form a long Shift Register. An
external controller sets up the devices to drive values at their output pins, and observe the input values received
from other devices. The controller compares the received data with the expected result. In this way, Boundary-scan
provides a mechanism for testing interconnections and integrity of components on Printed Circuits Boards by using
the four TAP signals only.
The four IEEE 1149.1 defined mandatory JTAG instructions IDCODE, BYPASS, SAMPLE/PRELOAD, and
EXTEST, as well as the AVR specific public JTAG instruction AVR_RESET can be used for testing the Printed Cir-
cuit Board. Initial scanning of the Data Register path will show the ID-Code of the device, since IDCODE is the
default JTAG instruction. It may be desirable to have the AVR device in reset during test mode. If not reset, inputs
to the device may be determined by the scan operations, and the internal software may be in an undetermined
state when exiting the test mode. Entering reset, the outputs of any port pin will instantly enter the high impedance
state, making the HIGHZ instruction redundant. If needed, the BYPASS instruction can be issued to make the
shortest possible scan chain through the device. The device can be set in the reset state either by pulling the exter-
nal RESET pin low, or issuing the AVR_RESET instruction with appropriate setting of the Reset Data Register.
The EXTEST instruction is used for sampling external pins and loading output pins with data. The data from the
output latch will be driven out on the pins as soon as the EXTEST instruction is loaded into the JTAG IR-Register.
Therefore, the SAMPLE/PRELOAD should also be used for setting initial values to the scan ring, to avoid damag-
ing the board when issuing the EXTEST instruction for the first time. SAMPLE/PRELOAD can also be used for
taking a snapshot of the external pins during normal operation of the part.
The JTAGEN Fuse must be programmed and the JTD bit in the I/O Register MCUCR must be cleared to enable
the JTAG Test Access Port.
When using the JTAG interface for Boundary-scan, using a JTAG TCK clock frequency higher than the internal
chip frequency is possible. The chip clock is not required to run.
28.3 Data Registers
The Data Registers relevant for Boundary-scan operations are:
•
Bypass Register
•
Device Identification Register
•
Reset Register
•
Boundary-scan Chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com