Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATMEGA640 Datasheet(PDF) 310 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 310 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 306Page - Microchip Technology ATMEGA640 Datasheet HTML 307Page - Microchip Technology ATMEGA640 Datasheet HTML 308Page - Microchip Technology ATMEGA640 Datasheet HTML 309Page - Microchip Technology ATMEGA640 Datasheet HTML 310Page - Microchip Technology ATMEGA640 Datasheet HTML 311Page - Microchip Technology ATMEGA640 Datasheet HTML 312Page - Microchip Technology ATMEGA640 Datasheet HTML 313Page - Microchip Technology ATMEGA640 Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 436 page
background image
310
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
29. Boot Loader Support – Read-While-Write Self-Programming
The Boot Loader Support provides a real Read-While-Write Self-Programming mechanism for downloading and
uploading program code by the MCU itself. This feature allows flexible application software updates controlled by
the MCU using a Flash-resident Boot Loader program. The Boot Loader program can use any available data inter-
face and associated protocol to read code and write (program) that code into the Flash memory, or read the code
from the program memory. The program code within the Boot Loader section has the capability to write into the
entire Flash, including the Boot Loader memory. The Boot Loader can thus even modify itself, and it can also erase
itself from the code if the feature is not needed anymore. The size of the Boot Loader memory is configurable with
fuses and the Boot Loader has two separate sets of Boot Lock bits which can be set independently. This gives the
user a unique flexibility to select different levels of protection.
29.1 Features
• Read-While-Write Self-Programming
• Flexible Boot Memory Size
• High Security (Separate Boot Lock Bits for a Flexible Protection)
• Separate Fuse to Select Reset Vector
• Optimized Page(1) Size
• Code Efficient Algorithm
• Efficient Read-Modify-Write Support
Note:
1. A page is a section in the Flash consisting of several bytes (see Table 30-7 on page 328) used during program-
ming. The page organization does not affect normal operation.
29.2 Application and Boot Loader Flash Sections
The Flash memory is organized in two main sections, the Application section and the Boot Loader section (see Fig-
ure 29-2 on page 312). The size of the different sections is configured by the BOOTSZ Fuses as shown in Table
29-7 on page 320 and Figure 29-2 on page 312. These two sections can have different level of protection since
they have different sets of Lock bits.
29.2.1
Application Section
The Application section is the section of the Flash that is used for storing the application code. The protection level
for the Application section can be selected by the application Boot Lock bits (Boot Lock bits 0), see Table 29-2 on
page 313. The Application section can never store any Boot Loader code since the SPM instruction is disabled
when executed from the Application section.
29.2.2
BLS – Boot Loader Section
While the Application section is used for storing the application code, the The Boot Loader software must be
located in the BLS since the SPM instruction can initiate a programming when executing from the BLS only. The
SPM instruction can access the entire Flash, including the BLS itself. The protection level for the Boot Loader sec-
tion can be selected by the Boot Loader Lock bits (Boot Lock bits 1), see Table 29-3 on page 313.
29.3 Read-While-Write and No Read-While-Write Flash Sections
Whether the CPU supports Read-While-Write or if the CPU is halted during a Boot Loader software update is
dependent on which address that is being programmed. In addition to the two sections that are configurable by the
BOOTSZ Fuses as described above, the Flash is also divided into two fixed sections, the Read-While-Write
(RWW) section and the No Read-While-Write (NRWW) section. The limit between the RWW- and NRWW sections
is given in Table 29-1 and Figure 29-1 on page 311. The main difference between the two sections is:
•
When erasing or writing a page located inside the RWW section, the NRWW section can be read during the
operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com