| Electronic Components Datasheet Search |
|
GS12341 Datasheet(PDF) 39 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS12341 Datasheet(HTML) 39 Page - Semtech Corporation |
|
39 / 109 page ![]() GS12341 Final Data Sheet Rev.1 PDS-061928 August 2019 39 of 109 Semtech Proprietary & Confidential www.semtech.com 4.7.2 Output Driver Polarity Inversion While in data mode, the signal polarity may be inverted at the outputs through the CTRL_OUTPUT<n>_ DATA_ INVERT parameters in register 0x48. This may be useful to compensate for an inverted upstream signal or to facilitate board signal routing. To invert the polarity of either of the two output drivers, write 1b to control parameter CTRL_OUTPUT<n>_DATA_ INVERT. 4.7.3 Output Driver Data Rate Selection By default, the GS12341 uses the SD trace driver output group settings for all data rates, regardless of Reclocker lock condition or data rate being applied. The following parameters are used to control the output for all data rates in the default condition: CFG_OUTPUT<n>_TD_SD_DRIVER_SWING CFG_OUTPUT<n>_TD_SD_PREEMPH_WIDTH CFG_OUTPUT<n>_TD_SD_PREEMPH_AMPL CFG_OUTPUT<n>_TD_SD_PREEMPH_PWRDWN If required, per-rate selection of the trace driver output group setting is possible by setting CTRL_OUTPUT<n>_TRDR_PER_RATE = 1. Once set, the trace driver output group will be determined by the rate to which the Reclocker is locked. For example, if the Reclocker is locked to 12G, the following parameters will be used to control the output drivers. CFG_OUTPUT<n>_TD_12G_DRIVER_SWING CFG_OUTPUT<n>_TD_12G_PREEMPH_WIDTH CFG_OUTPUT<n>_TD_12G_PREEMPH_AMPL CFG_OUTPUT<n>_TD_12G_PREEMPH_PWRDWN Note: If per-rate settings are being used, when the Reclocker is not locked the trace driver will use the 12G trace driver output group settings. 4.7.4 Amplitude and Pre-Emphasis Control The two output drivers offer very granular amplitude and pre-emphasis control. For optimal loss compensation, both the pre-emphasis pulse amplitude and the pre-emphasis pulse width can be independently configured on both output drivers. This extra flexibility provides a mechanism to better shape the pre-emphasis gain to match the frequency loss response of interconnect composed of trace, connector and via losses. The swing and pre-emphasis can be independently configured for specific data rates. CFG_OUTPUT<n>_TD_SD_DRIVER_SWING (SD) CFG_OUTPUT<n>_TD_HD_DRIVER_SWING (HD) CFG_OUTPUT<n>_TD_3G_DRIVER_SWING (3G) CFG_OUTPUT<n>_TD_6G_DRIVER_SWING (6G) CFG_OUTPUT<n>_TD_12G_DRIVER_SWING (12G) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |