| Electronic Components Datasheet Search |
|
GS12341 Datasheet(PDF) 47 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
GS12341 Datasheet(HTML) 47 Page - Semtech Corporation |
|
47 / 109 page ![]() GS12341 Final Data Sheet Rev.1 PDS-061928 August 2019 47 of 109 Semtech Proprietary & Confidential www.semtech.com 4.7.5 Trace Driver DC coupling requirements Table 4-9 lists the required Vcco (Driver Supply voltage) and DS (Driver Swing) required to achieve three common nominal VDDOppd (peak-to-peak differential output voltages) and their associated nominal Vcmout (output common mode voltage). In the DC-coupled case, where Vcco is connected to the same supply as the input buffer supply voltage of the downstream device, Vcmount in Table 4-9 is the common mode voltage at the output of the GS12341 driver. For short low loss transmission lines, this will also be the common mode voltage created at the input termination of the downstream input buffer. However, for long and lossy transmission lines, the amplitude will be attenuated at the downstream receiver and therefore the common mode voltage created at the input termination will be higher and must be measured or simulated for accuracy. For proper link operation, the common mode voltage created at the input termination of the downstream input buffer must be within the Vcmin range specified by that device. 35/37 OUTPUT_ PARAM_ TD_6G_1/ OUTPUT_ PARAM_ TD_6G_3 CFG_OUTPUT<n>_TD_6G_ DRIVER_SWING Output amplitude configuration parameter for 6G on DDO0 and DDO1, where <n> is the output number. 34/36 OUTPUT_ PARAM_ TD_6G_0/ OUTPUT_ PARAM_ TD_6G_2 CFG_OUTPUT<n>_TD_6G_ PREEMPH_WIDTH Output pre-emphasis pulse width configuration parameter for 6G on DDO0 and DDO1, where <n> is the output number. CFG_OUTPUT<n>_TD_6G_ PREEMPH_PWRDWN Output pre-emphasis power down configuration parameter for 6G on DDO0 and DDO1, where <n> is the output number. CFG_OUTPUT<n>_TD_6G_ PREEMPH_AMPL Output pre-emphasis pulse amplitude configuration parameter for 6G on DDO0 and DDO1, where <n> is the output number. 39/3B OUTPUT_ PARAM_ TD_12G_1/ OUTPUT_ PARAM_ TD_12G_3 CFG_OUTPUT<n>_TD_12G_ DRIVER_SWING Output amplitude configuration parameter for 12G on DDO0 and DDO1, where <n> is the output number. 38/3A OUTPUT_ PARAM_ TD_12G_0/ OUTPUT_ PARAM_ TD_12G_2 CFG_OUTPUT<n>_TD_12G_ PREEMPH_WIDTH Output pre-emphasis pulse width configuration parameter for 12G on DDO0 and DDO1, where <n> is the output number. CFG_OUTPUT<n>_TD_12G_ PREEMPH_PWRDWN Output pre-emphasis power down configuration parameter for 12G on DDO0 and DDO1, where <n> is the output number. CFG_OUTPUT<n>_TD_12G_ PREEMPH_AMPL Output pre-emphasis pulse amplitude configuration parameter for 12G on DDO0 and DDO1, where <n> is the output number. Table 4-8: Output Swing and Pre-Emphasis Control Parameters (Continued) Register Addressh and Name Parameter Name Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |