Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM0804A Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0804A
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0804A Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0804A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0804A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0804A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0804A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0804A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Symbol
Dimensions In Millimeters
Dimensions In Inches
MAX
MIN
MAX
MIN
A
1.100
0.800
0.043
0.031
b
0.510
0.330
0.020
0.013
C
0.300
0.200
0.012
0.008
D1
5.100
4.800
0.201
0.189
D2
4.100
3.610
0.161
0.142
E
6.200
5.900
0.244
0.232
E1
5.900
5.700
0.232
0.224
E2
3.780
3.350
0.149
0.132
e
1.27BSC
0.05BSC
H
0.700
0.410
0.028
0.016
K
1.500
1.100
0.059
0.043
L
0.710
0.510
0.028
0.020
L1
0.200
0.060
0.008
0.002
θ
12°
12°
DFN5x6 PACKAGE INFORMATION
LM0804A
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com