Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX6884EVCMOD2 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6884EVCMOD2
Description  Evaluation System/Evaluation Kit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6884EVCMOD2 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6884EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 10Page - Maxim Integrated Products MAX6884EVCMOD2 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluate: MAX6884/MAX6885
MAX6884 Evaluation System/
Evaluation Kit
The I2C dialog boxes accept numeric data in binary, deci-
mal, or hexadecimal. Hexadecimal numbers should be
prefixed by $ or 0x. Binary numbers must be exactly eight
digits. See Figure 7 for an example of this tool.
Note: In places where the slave address asks for an 8-bit
value, it must be the 7-bit slave address of the MAX6884
as determined by ADD, with the last bit set to 1 for a read
operation or a zero for a write. Refer to the MAX6884 data
sheet for a complete list of registers and functions.
Detailed Description of Hardware
The MAX6884 (U1) is surrounded by breakout header
pins J1–J4. The user power-supply inputs IN1–IN6 are
bypassed by capacitors C1–C6. Apply a 3.3V LED sup-
ply (optional) to the VLED and GND pads. Apply a VCC
supply (optional) to the VCC and GND pads. Monitor the
MAX6884 outputs at the RESET, UV/OV, and WDO pads.
Apply a watchdog timer input at the WDI pad. A pushbut-
ton switch (SW1) controls the manual reset input.
Address Selection
Jumper JU4 sets the MAX6884 I2C slave address. The
default address is 1010 01XY (ADD = GND). See Table 1
for a complete list of addresses.
Note: The first 7 bits shown are the address. Y (bit 0) is
the I2C read/write bit. This bit is a 1 for a read operation
or a zero for a write.
Figure 7. The above example shows a simple SMBusWriteByte operation using the included 2-Wire Interface Diagnostics. In this
example, the software is writing data (0x12) to Device Address 0xA4, Register Address 0x00. This will set the primary undervoltage
threshold for IN1A.
X = Don’t care (refer to MAX6884 data sheet for more details).
*Default configuration: JU4 (2-3).
Table 1. Shunt Settings for I2C Address
(JU4)
SHUNT
POSITION
MAX6884
ADDRESS
PIN
MAX6884 ADDRESS
BINARY
HEXADECIMAL
1-2
VCC
1010 01XY
0xA4 or 0xA6
2-3*
GND
1010 00XY
0xA0 or 0xA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com