| Electronic Components Datasheet Search |
|
MAX6884EVCMOD2 Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6884EVCMOD2 Datasheet(HTML) 5 Page - Maxim Integrated Products |
|
5 / 12 page ![]() Maxim Integrated │ 5 www.maximintegrated.com Evaluate: MAX6884/MAX6885 MAX6884 Evaluation System/ Evaluation Kit Press the Refresh button to read the current values from the MAX6884. Press the Apply button to send the soft- ware values to the MAX6884. Registers Tab The Registers tab (Figure 5) displays the MAX6884 vola- tile working registers and their corresponding EEPROM value. Pressing Refresh reads and displays all register and EEPROM values. Individual register bytes can be modified by selecting the appropriate grid cell and typing two hexadecimal digits 0–9/A–F. At power-up, the MAX6884 automatically loads its regis- ters from the configuration EEPROM page. To store the active register values into the configuration EEPROM, press Commit to EEPROM. Prevent any software modi- fications to the configuration registers and configuration EEPROM by checking the Lock Configuration check- box. Reset the Confirm Write checkbox to disable the register write confirmation. Register values can optionally be stored into a text file on disk for later retrieval, using the Load Reg Values from File and Save Reg Values to File buttons. EEPROM Tab The EEPROM tab (Figure 6) displays the nonvolatile EEPROM memory contents of the MAX6884. Pressing Refresh reads and displays the EEPROM contents on the GUI. Individual memory bytes can be modified by selecting the appropriate grid cell and typing two hexa- decimal digits 0–9/A–F. To disregard user EEPROM (0x40h to 0x7Fh) writes when the UV/OV or RESET outputs are asserted, check the EEPROM Write Depends on UV/OV or EEPROM Write Depends on RESET checkboxes. Refer to the MAX6884 data sheet for more details. Reset the Confirm Write checkbox to disable the EEPROM write confirmation. EEPROM values can optionally be stored into a text file on disk for later retrieval, using the Load from File and Save to File buttons. Simple I2C Commands There are two methods for communicating with the MAX6884: through the normal user-interface panel or through the I2C commands available by selecting the 2-Wire Interface Diagnostic item from the Options pull- down menu. A window is displayed that allows I2C opera- tions, such as Read Byte and Write Byte, to be executed. To stop normal user-interface execution so that it does not override the manually set values, turn off the update timer by unchecking the Automatic Status Read and Automatic Diagnostics checkboxes. Figure 4. MAX6884 EV Kit Software Watchdog Timer Tab |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |