Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA7007AEHZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7007AEHZ
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7007AEHZ Datasheet HTML 7Page - Analog Devices ADPA7007AEHZ Datasheet HTML 8Page - Analog Devices ADPA7007AEHZ Datasheet HTML 9Page - Analog Devices ADPA7007AEHZ Datasheet HTML 10Page - Analog Devices ADPA7007AEHZ Datasheet HTML 11Page - Analog Devices ADPA7007AEHZ Datasheet HTML 12Page - Analog Devices ADPA7007AEHZ Datasheet HTML 13Page - Analog Devices ADPA7007AEHZ Datasheet HTML 14Page - Analog Devices ADPA7007AEHZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 11 of 23
20
0
2
4
8
12
16
6
10
14
18
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 28. Power Added Efficiency (PAE) vs. Frequency for Various Temperatures,
VDD = 5 V, IDQ = 1400 mA, PAE Measured at PSAT
20
0
2
4
8
12
16
6
10
14
18
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
1000mA
1200mA
1400mA
1500mA
1600mA
1800mA
Figure 29. PAE vs. Frequency for Various IDQ, VDD = 5 V, IDQ = 1400 mA,
PAE Measured at PSAT
32
0
8
16
24
4
12
20
28
2100
1300
1500
1700
1900
1400
1600
1800
2000
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 30. POUT, Gain, PAE, and Drain Current with RF Applied (IDD) vs. Input
Power, 22 GHz, VDD = 5 V, IDD = 1400 mA
20
0
2
4
8
12
16
6
10
14
18
18
44
40
42
38
34
36
30
26
22
20
32
28
24
FREQUENCY (GHz)
4V
5V
Figure 31. PAE vs. Frequency for Various VDD, IDQ = 1400 mA,
PAE Measured at PSAT
32
0
8
16
24
4
12
20
28
2300
1300
1550
1800
2050
1425
1675
1925
2175
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 32. POUT, Gain, PAE, and IDD vs. Input Power, 20 GHz, VDD = 5 V,
IDD = 1400 mA
36
32
0
8
16
24
4
12
20
28
2110
2020
1300
1480
1660
1840
1390
1570
1750
1930
–15
15
5
–5
–10
10
0
INPUT POWER (dBm)
POUT
GAIN
PAE
IDD
Figure 33. POUT, Gain, PAE, and IDD vs. Input Power,
30 GHz, VDD = 5 V, IDD = 1400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com