Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA7007AEHZ Datasheet(PDF) 23 Page - Analog Devices

Part # ADPA7007AEHZ
Description  20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7007AEHZ Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPA7007AEHZ Datasheet HTML 15Page - Analog Devices ADPA7007AEHZ Datasheet HTML 16Page - Analog Devices ADPA7007AEHZ Datasheet HTML 17Page - Analog Devices ADPA7007AEHZ Datasheet HTML 18Page - Analog Devices ADPA7007AEHZ Datasheet HTML 19Page - Analog Devices ADPA7007AEHZ Datasheet HTML 20Page - Analog Devices ADPA7007AEHZ Datasheet HTML 21Page - Analog Devices ADPA7007AEHZ Datasheet HTML 22Page - Analog Devices ADPA7007AEHZ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADPA7007
Rev. 0 | Page 23 of 23
OUTLINE DIMENSIONS
TOP VIEW
BOTTOM VIEW
SIDE VIEW
7.20
7.00 SQ
6.80
PIN 1
INDICATOR
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
4.55 BSC
SQ
5.40 SQ
1
4
5
9
10
13
14
18
1.00 BSC
3.10
3.00
2.90
4.50
4.40
4.30
3.55
3.45
3.35
1.75
1.65
1.55
0.31
0.25
0.19
0.60
0.50
0.40
1.21
1.15
1.09
0.63
0.57
0.51
0.80 REF
0.35 REF
0.89
1.05
1.444
1.317
1.190
Figure 64. 18-Terminal Ceramic Leadless Chip Carrier with Heat Sink [LCC_HS]
(EH-18-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature
Range
MSL
Rating2
Package Description
Package
Option
ADPA7007AEHZ
−40°C to +85°C
MSL3
18-Terminal Ceramic Leadless Chip Carrier with Heat Sink [LCC_HS]
EH-18-1
ADPA7007AEHZ-R7
−40°C to +85°C
MSL3
18-Terminal Ceramic Leadless Chip Carrier with Heat Sink [LCC_HS]
EH-18-1
ADPA7007-EVALZ
1
Z = RoHS Compliant Part.
2
See the Absolute Maximum Ratings section for additional information.
©2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D21544-7/20(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com