Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVB28T-E Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP47FVB28T-E
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-E Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP47FVB28T-E Datasheet HTML 73Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 74Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 75Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 76Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 77Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 78Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 79Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 80Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
 2020 Microchip Technology Inc.
DS20006368A-page 77
MCP47FXBX4/8
6.9
Entering High-Speed (HS) Mode
The I2C specification requires that a High-Speed mode
device be activated to operate in High-Speed
(3.4 Mbit/s) mode. This is accomplished by the master
sending a special address byte following the Start bit.
This byte is referred to as the High-Speed Master Mode
Code (HSMMC).
The device can now communicate at up to 3.4 Mbit/s
on SDA and SCL lines. The device will switch out of the
HS mode on the next Stop condition.
The master code is sent as follows:
1.
Start condition (S)
2.
High-Speed Master Mode Code (‘0000 1XXX’),
The XXX bits are unique to the HS master mode.
3.
No Acknowledge (A)
After switching to the HS mode, the next transferred
byte is the I2C control byte, which specifies the device
to communicate with and any number of data bytes
plus acknowledgments. The master device can then
either issue a repeated Start bit to address a different
device (at high-speed) or a Stop bit to return to the
fast/standard bus speed. After the Stop bit, any other
master device (in a Multi-Master system) can arbitrate
for the I2C bus.
The MCP47FXBX4/8 devices do not acknowledge the
HS Select byte. However, upon receiving this
command, the device switches to HS mode.
Figure 6-3 illustrates the HS mode command
sequence.
For more information on the HS mode, or other I2C
modes, refer to the “NXP I2C Specification”.
6.9.1
SLOPE CONTROL
The slope control on the SDA output for the Fast/Stan-
dard Speed is different from the one of the High-Speed
clock modes of the interface.
6.9.2
PULSE GOBBLER
The pulse gobbler on the SCL pin is automatically
adjusted to suppress spikes < 10 ns during HS mode.
FIGURE 6-3:
HS Mode Sequence.
S
A
‘0000 1XXX’b
Sr
A
Slave Address
A/A
Data
P
S = Start bit
Sr = Repeated Start bit
A = Acknowledge bit
A = Not Acknowledge bit
R/W = Read/Write bit
R/W
P = Stop bit (Stop condition terminates HS Mode)
F/S mode
HS mode
HS mode continues
F/S mode
Sr
A
‘Slave Address’ R/W
HS Select Byte
Control Byte
Command/Data Byte(s)
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com