Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47FVB28T-E Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP47FVB28T-E
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB28T-E Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP47FVB28T-E Datasheet HTML 4Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 5Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 6Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 7Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 8Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 9Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 10Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 11Page - Microchip Technology MCP47FVB28T-E Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
MCP47FXBX4/8
DS20006368A-page 8
 2020 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified)
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF= +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Resistor Ladder
Resistance
RL
100
140
180
k
VRnB:VRnA = 10
VREF = VDD(6)
Resolution
(# of Resistors and # of
Taps)
(see C.1 “Resolution”)
N
256
Taps
8-bit No missing codes
1024
Taps
10-bit No missing codes
4096
Taps
12-bit No missing codes
Nominal VOUT Match(11)
|VOUT - VOUTMEAN|
/VOUTMEAN
—
0.5
1.0
%
2.7V
 VDD  5.5V(2)
—
—
1.2
%
1.8V(2)
VOUT Temperature
Coefficient (see C.19
“VOUT Temperature
Coefficient”)
VOUT/T
—
15
—
ppm/°C Code = Midscale
(7Fh, 1FFh or 7FFh)
VREF Pin Input Voltage
Range
VREF
VSS
—VDD
V1.8V
 VDD  5.5V(1)
Note 1
This parameter is ensured by design.
Note 2
This parameter is ensured by characterization.
Note 6
Resistance is defined as the resistance between the VREF pin (mode VRnB:VRnA = 10) to VSS pin. For
octal-channel devices (MCP47FXBX8), this is the effective resistance of each resistor ladder. The
resistance measurement is one of the two resistor ladders measured in parallel.
Note 11
Variation of one output voltage to mean output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com