Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWK9926 Datasheet(PDF) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # SWK9926
Description  Dual N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

SWK9926 Datasheet(HTML) 1 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  SWK9926 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK9926 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK9926 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. SWK9926 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.doingter.cn
—
1 —
Description:
Features:
1) VDS=20V,ID=6.5A,RDS(ON)<24mΩ@VGS=4.5V
2) Low gate charge.
3) Green device available.
4) Advanced high cell denity trench technology for ultra RDS(ON).
5) Excellent package for good heat dissipation.
Absolute Maximum Ratings:(T
C=25℃ unless otherwise noted)
Symbol
Parameter
Ratings
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±10
V
ID
Drain Current – Continuous (TC=25℃ )
1
6.5
A
Drain Current – Continuous (TC=100℃ )
---
IDM
Drain Current – Pulsed
20
PD
Power Dissipation (TC=25℃ )
1
1.6
W
Power Dissipation – Derate above 25℃
---
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
℃
Thermal Characteristics:
Symbol
Parameter
Max
Units
RƟJC
Thermal Resistance,Junction to Case
1
40
℃/W
RƟJA
Thermal Resistance,Junction to Ambient
1
78
G1
D2
D2
D1
D1
S2
G2
S1
This Dual N-Channel MOSFET uses advanced trench technology and
design to provide excellent RDS(on) with low gate charge.
It can be used in a wide variety of applications.
SWK9926


Similar Part No. - SWK9926

ManufacturerPart #DatasheetDescription
logo
Eravant
SWK-DN603903-12-C1 ERAVANT-SWK-DN603903-12-C1 Datasheet
592Kb / 2P
E Band Power Distribution Network, 12 Way
Rev. 1.0
logo
Tyco Electronics
SWK121F315 MACOM-SWK121F315 Datasheet
295Kb / 4P
Key Switches, Medium Security
SWK123F315 MACOM-SWK123F315 Datasheet
295Kb / 4P
Key Switches, Medium Security
SWK12F315 MACOM-SWK12F315 Datasheet
295Kb / 4P
Key Switches, Medium Security
SWK12KF315 MACOM-SWK12KF315 Datasheet
295Kb / 4P
Key Switches, Medium Security
More results

Similar Description - SWK9926

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
AP9965GEM DOINGTER-AP9965GEM Datasheet
552Kb / 4P
Dual N-Channel MOSFET uses advanced trench technology
DTM4936 DOINGTER-DTM4936 Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
HAT2057RA DOINGTER-HAT2057RA Datasheet
2Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
QM3208S DOINGTER-QM3208S Datasheet
1Mb / 5P
Dual N-Channel MOSFET uses advanced trench technology
SI4286DY DOINGTER-SI4286DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
SSG4942N DOINGTER-SSG4942N Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STM6914 DOINGTER-STM6914 Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STM6920A DOINGTER-STM6920A Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
STS2DNF30L DOINGTER-STS2DNF30L Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
TPC8227-H DOINGTER-TPC8227-H Datasheet
1Mb / 4P
Dual N-Channel MOSFET uses advanced trench technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com