Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UD02N65 Datasheet(PDF) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # UD02N65
Description  N-Channel MOSFET uses advanced trench technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

UD02N65 Datasheet(HTML) 2 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  UD02N65 Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD02N65 Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD02N65 Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD02N65 Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. UD02N65 Datasheet HTML 5Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.doingter.cn
2
Electrical Characteristics:(T
C=25unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Sourtce Breakdown Voltage
VGS=0V,ID=250μA
650
---
---
V
IDSS
Zero Gate Voltage Drain Current
VGS=0V, VDS=650V
---
---
1
μA
IGSS
Gate-Source Leakage Current
VGS=±30V, VDS=0A
---
---
±100
nA
On Characteristics
VGS(th)
GATE-Source Threshold Voltage
VGS=VDS, ID=250μA
2
---
4
V
RDS(ON)
Drain-Source On Resistance
VGS=10V,ID=1A
---
---
5
Ω
Dynamic Characteristics
Ciss
Input Capacitance
VDS=25V, VGS=0V, f=1MHz
---
270
350
pF
Coss
Output Capacitance
---
40
50
Crss
Reverse Transfer Capacitance
---
5
7
Switching Characteristics
td(on)
Turn-On Delay Time
3,4
VDS=300V, ID=2A,
RGEN=25Ω
---
10
30
ns
tr
Rise Time
3,4
---
25
60
ns
td(off)
Turn-Off Delay Time
3,4
---
20
50
ns
tf
Fall Time
3,4
---
25
60
ns
Qg
Total Gate Charge
3,4
VGS=10V, VDS=480V,
ID=2A
---
90
11
nC
Qgs
Gate-Source
Charge
3,4
---
1.6
---
nC
Qgd
Gate-Drain “Miller” Charge
3,4
---
4.3
---
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
VGS=0V,ID=2A
---
---
1.5
V
UD02N65



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com