Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2004-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M2004-01
Description  Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M2004-01 Datasheet HTML 1Page - Integrated Circuit Systems M2004-01 Datasheet HTML 2Page - Integrated Circuit Systems M2004-01 Datasheet HTML 3Page - Integrated Circuit Systems M2004-01 Datasheet HTML 4Page - Integrated Circuit Systems M2004-01 Datasheet HTML 5Page - Integrated Circuit Systems M2004-01 Datasheet HTML 6Page - Integrated Circuit Systems M2004-01 Datasheet HTML 7Page - Integrated Circuit Systems M2004-01 Datasheet HTML 8Page - Integrated Circuit Systems M2004-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-01
Preliminary Specifications
2
Micro Networks
An Integrated Circuit Systems Company
M2004-01
SAW Delay Line
Phase
Shifter
VCSO
VC
nVC
nOP_OUT
OP_OUT
OP_IN
nOP_IN
M Divider
M = 3-1023
MUX
0
1
N Divider
N = 1,2,4,8
Serial / Parallel
Configuration Register
6
M5:0
N1:0
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
REF_SEL
REF_CLK0
REF_CLK1
FOUT
nFOUT
MR
S_DATA
S_CLK
S_LOAD
nP_LOAD
2
CLOOP
RLOOP
CLOOP
RLOOP
RPOST
RPOST
CPOST
CPOST
RIN
RIN
FUNCTIONAL BLOCK DIAGRAM
The internal PLL will adjust the VCSO output
frequency to be M times the selected input
reference clock frequency. Note that the product of
M x input frequency must be such that it falls within
the “lock” range of the VCSO. The N output divider
can be programmed to divide the VCSO output
frequency by 1, 2, 4, or 8 and provide a 50% output
duty cycle.
The M2004-01 supports both parallel and serial
operating modes for programming the M divider
and N output divider. Figure 1 shows the timing
diagram for each mode. In the parallel mode the
nP_LOAD input is initially LOW. The data on inputs
M0 through M5 and N0 and N1 is passed directly to
the M divider. On the LOW-to-HIGH transition of
the nP_LOAD input, the data is latched and the M
divider remains loaded until the next LOW transition
on nP_LOAD or until a serial event occurs. As a
result, the M and N bits can be hardwired to set the
M divider and N output divider to a specific default
state that will automatically occur during power-up.
The relationship between the VCSO frequency, the
input REF_CLK , and the M divider is defined as
follows:
F VCSO = F REF_CLK x M
When the N output divider is included, the
complete relationship for the output frequency is
defined as:
FOUT= F VCSO =F REF_CLK x M
NN
The M value and the required logic states of M0
through M5 are shown in Table 5B, Programmable
VCSO Frequency Function Table. (i.e. For an output
frequency of 622.0800MHz and an input frequency
of 19.44MHz the M value would be 32 and the N
value would be 1.
Similarly, for an output frequency of 311.04MHz
and an input frequency of 19.44 MHz the M value
would be 32 and the N value would be 2.) Serial
operation occurs when nP_LOAD is HIGH and
S_LOAD is LOW. The shift register is loaded by
sampling the S_DATA bits with the rising edge of
S_CLOCK. The contents of the shift register are
loaded into the M divider and N output divider
when S_LOAD transitions from LOW-to-HIGH. The
M divider and N output divide values are latched on
the HIGH-to-LOW transition of S_LOAD. If S_LOAD
is held HIGH, data at the S_DATA input is passed
directly to the M divider and N output divider on
each rising edge of S_CLOCK.
FIGURE 1
Low Low Null
Null Null Null
N1
N0
M5
M4
M3
M2
M1
M0
S_DATA
S_CLK
S_LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com