Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M2004-01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M2004-01
Description  Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2004-01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M2004-01 Datasheet HTML 1Page - Integrated Circuit Systems M2004-01 Datasheet HTML 2Page - Integrated Circuit Systems M2004-01 Datasheet HTML 3Page - Integrated Circuit Systems M2004-01 Datasheet HTML 4Page - Integrated Circuit Systems M2004-01 Datasheet HTML 5Page - Integrated Circuit Systems M2004-01 Datasheet HTML 6Page - Integrated Circuit Systems M2004-01 Datasheet HTML 7Page - Integrated Circuit Systems M2004-01 Datasheet HTML 8Page - Integrated Circuit Systems M2004-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Micro Networks
324 Clark Street
Worcester, MA 01606
tel: 508-852-5400
fax: 508-852-8456
www.micronetworks.com
M2004-01
Preliminary Specifications
1
Micro Networks
An Integrated Circuit Systems Company
ISO 9001
Registered
ISO 9001
Registered
M2004-01
Frequency Synthesizer
DESCRIPTION
The M2004-01 integrates a high performance Phase
Locked Loop (PLL) with a Voltage Controlled SAW
Oscillator (VCSO) to provide a low jitter Frequency
Translator in a 9mm x 9mm surface mount package.
The internal high “Q” SAW filter provides low jitter
signal performance and determines the maximum
output frequency of the VCSO. A programmable
output divider can divide the VCSO frequency to
achieve an output as low as 38.88MHz.
The input to the Frequency Translator is provided by
selecting between one of two output reference
clocks. The output frequency is an integer multiple
of the input reference frequency.
Parallel and serial control of the output and
feedback dividers is provided via the configuration
logic. An external loop filter sets the PLL bandwidth
which can be optimized to provide jitter attenuation
of the input reference clock.
The M2004-01 is available at SONET/SDH and
10GbE frequencies up to 700MHz.
Output Clock Frequency up to 700MHz
Differential LVPECL Outputs
Internal Low-jitter SAW-based Oscillator
Intrinsic Jitter <1ps rms (12kHz - 20MHz)
Jitter Attenuation of Input Reference Clock
Dual Input MUX
Parallel Programming
Tunable Loop Filter Response
Differential LVPECL Outputs
3.3V Operation
Small 9mm x 9mm SMT Package
FEATURES
APPLICATIONS
SONET / SDH / 10GbE System
Synchronization
Add / Drop Muxes, Access and Edge
Switches
Line Card System Clock Cleaner /
Translator
Optical Module Clock Cleaner / Translator
Inputs, V
I :
................................................. -0.5 to V
CC+0.5V
Output, V
O :
................................................. -0.5 to V
CC+0.5V
Supply Voltage, V
DD : ......................................................... 4.6 V
Storage Temperature, T
STO : ............................ -45°C to +100°C
Stresses beyond those listed under Absolute Maximum Ratings may cause
permanent damage to the device. These ratings are stress specifications
only. Functional operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for extended peri-
ods may affect product reliability.
ABSOLUTE MAX RATINGS


Similar Part No. - M2004-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2004-02 ICST-M2004-02 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-02-500.0000 ICST-M2004-02-500.0000 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-02-622.0800 ICST-M2004-02-622.0800 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-02-625.0000 ICST-M2004-02-625.0000 Datasheet
1Mb / 10P
Frequency Synthesizer
M2004-02-627.3296 ICST-M2004-02-627.3296 Datasheet
1Mb / 10P
Frequency Synthesizer
More results

Similar Description - M2004-01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
Frequency synthesizer
January 1995
logo
NIHON DEMPA KOGYO
S510M804MB NDK-S510M804MB Datasheet
86Kb / 1P
Frequency Synthesizer
logo
Spectrum Microwave, Inc...
444034 SPECTRUM-444034 Datasheet
54Kb / 1P
FREQUENCY SYNTHESIZER
logo
Shoulder Electronics Li...
HDM9150 SHOULDER-HDM9150 Datasheet
188Kb / 6P
Frequency Synthesizer
logo
Mini-Circuits
DSN-1500A-1119 MINI-DSN-1500A-1119 Datasheet
842Kb / 11P
Frequency Synthesizer
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com