Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SK645/50/SA Datasheet(PDF) 7 Page - ON Semiconductor

Part # SK645/50/SA
Description  Motor Development Kit (MDK) 4 kW Board with Intelligent Power Module SPM31 650 V
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SK645/50/SA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button SK645/50/SA Datasheet HTML 3Page - ON Semiconductor SK645/50/SA Datasheet HTML 4Page - ON Semiconductor SK645/50/SA Datasheet HTML 5Page - ON Semiconductor SK645/50/SA Datasheet HTML 6Page - ON Semiconductor SK645/50/SA Datasheet HTML 7Page - ON Semiconductor SK645/50/SA Datasheet HTML 8Page - ON Semiconductor SK645/50/SA Datasheet HTML 9Page - ON Semiconductor SK645/50/SA Datasheet HTML 10Page - ON Semiconductor SK645/50/SA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SECO−MDK−4KW−65SPM31−GEVB
www.onsemi.com
7
Auxiliary Power Supplies
There are three auxiliary supplies on the power board to
provide the necessary 15 Vdc, 5 Vdc, and 3.3 Vdc rails. The
first one is a non−isolated buck converter using NCP1063.
This auxiliary supply provides the 15 Vdc, which are
necessary for the IPM drivers. The NCP1063 high−voltage
switcher serves well this purpose, featuring a built−in 700 V
MOSFET with RDS(on) of 11.4 W and 100 kHz switching
frequency. NCP1063 is fed directly from the high−voltage
DC−Link. A minimum 90 V DC−Link voltage is required
for operation. Next, the FAN8303 non−isolated buck is used
to convert the 15 Vdc to the 5 Vdc that is necessary for the
UCB controller circuitry. Last but not least, the LDO
NCP718 converts the 5 Vdc to 3.3 Vdc, necessary for the
current measuring and protection circuitry, and for the
integrated UCB NCD98011 ADC modules. The
non−isolated power supplies provides a simple and effective
solution for industrial and commercial motor control
applications. More details about the auxiliary power
supplies can be found in the corresponding ICs data sheets,
[3], [4], and [5], respectively. Last but not least, the power
rating of the auxiliary power supplies can be found in
Table 1.
EEPROM
The main power board is equipped with the CAT24C512
EEPROM unit. The CAT24C512 is an EERPOM Serial
512−Kb I2C, which is internally organized as 65,536 words
of 8−bits each. It features a 128−byte page write buffer and
supports the Standard (100 kHz), Fast (400 kHz) and
Fast−Plus (1 MHz) I2C protocol. External address pins
make it possible to address up to eight CAT24C512 devices
on the same bus. The device Serial Click and Serial Data pins
of the CAT24C512 (pins DIO_1_1, DIO_1_2) are routed to
the UCB controller B35 buss (B35_L16_N and B35_L16_P,
respectively), via CON4 (pin 13 and pin 14). The data sheet
of CAT24C512 EEPROM device can be found in [8].
SCHEMATIC AND DESIGN
To meet customer requirements and make the evaluation
board a basis for development, all necessary technical data
like schematics, layout and components are included in this
chapter. This section will also discuss the design remarks,
trade−offs and recommendations for the design.
NCP1063 15 V Auxiliary Power Supply
As mentioned earlier, there are three Auxiliary power
supplies that generate the necessary voltage rails for the
proper function of the MDK_SPM31 and UCB controller
boards. The NCP1063 is a non−isolated buck that is used as
converter from DC−Link to 15 Vdc output, to supply the
IPM board, as well as the UCB board and Op−Amp circuitry
through the FAN8303 and NCP718. The maximum power
demand is up to 4.6 W. Figure 5 depicts the schematic of the
15 Vdc auxiliary power supply. The design and sizing of the
passive components has been inspired by the applications
notes in [3]. The desired output voltage value can be set by
tuning the values of the voltage divider (R1 and R3)
connected to the FB pin. Additionally, the value of C6 on the
COMP pin is tuned empirically to reflect the desired voltage
at the converter output. It is noted that the frequency Jittering
function helps spreading out energy in conducted noise
analysis. To improve the EMI signature at low power levels,
the jittering remains active in frequency foldback mode.
Finally, the switching frequency is 100 kHz, which allows
designs with small inductor (for this design we used 560
mH,
see L2) and output capacitance requirements (for this design
we used two 220
mF, see C8 and C9) and low current ripple
output.
Figure 5. Schematic of Auxiliary 15 Vdc Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com