Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSO040N04MS Datasheet(PDF) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

Part # VSO040N04MS
Description  N-Channel MOSFET uses advanced trench technology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOINGTER [SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.doingter.cn/
Logo DOINGTER - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

VSO040N04MS Datasheet(HTML) 3 Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.

  VSO040N04MS Datasheet HTML 1Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. VSO040N04MS Datasheet HTML 2Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. VSO040N04MS Datasheet HTML 3Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD. VSO040N04MS Datasheet HTML 4Page - SHENZHEN DOINGTER SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Normalized RDSON vs. T
www.doingter.cn
—
3 —
Qg
Tota l Gate Charge
2,3
VGS=4.5V, VDS=20V,
ID=3A
---
2.8
5.6
nC
Qgs
Ga te-Source Cha rge
2,3
---
0.5
1
nC
Qgd
Ga te-Drain “Miller” Charge
2,3
---
1.5
3
nC
Drain-Source Diode Characteristics
VSD
Source-Drain Diode Forward Voltage
3
VGS=0V,IS=1A,TJ=25℃
---
---
1
V
IS
Conti nuous Source Current
VG=VD=0V , Force
Current
---
---
6.7
A
ISM
Pul s ed Source Current
---
---
13.4
A
Notes:
1. Repetitive Rating : Pulsed width limited by maximum junction temperature.
2. The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3. Essentially independent of operating temperature.
Typical Characteristics: (T =25℃ unless otherwise noted)
Fig.1 Continuous Drain Current vs. TC
Fig.2
J
TC , Case Temperature (℃)
TJ , Junction Temperature (℃)
VSO040N04MS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com