Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WNSC08650T Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # WNSC08650T
Description  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC08650T Datasheet(HTML) 1 Page - WeEn Semiconductors

  WNSC08650T Datasheet HTML 1Page - WeEn Semiconductors WNSC08650T Datasheet HTML 2Page - WeEn Semiconductors WNSC08650T Datasheet HTML 3Page - WeEn Semiconductors WNSC08650T Datasheet HTML 4Page - WeEn Semiconductors WNSC08650T Datasheet HTML 5Page - WeEn Semiconductors WNSC08650T Datasheet HTML 6Page - WeEn Semiconductors WNSC08650T Datasheet HTML 7Page - WeEn Semiconductors WNSC08650T Datasheet HTML 8Page - WeEn Semiconductors WNSC08650T Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WNSC08650T
Silicon Carbide Diode
Rev.01 - 18 March 2020
Product data sheet
1. General description
Silicon Carbide Schottky diode in a DFN 8*8
plastic package, designed for high frequency
switched-mode power supplies.
2. Features and benefits
3. Applications
Power factor correction
Telecom / Server SMPS
UPS
PV inverter
PC Silverbox
LED / OLED TV
Motor Drives
4. Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Values
Unit
Absolute maximum rating
VRRM
repetitive peak reverse
voltage
650
V
IF(AV)
average forward current δ = 0.5 ; square-wave pulse; Tc ≤ 136 °C;
Fig. 1; Fig. 2; Fig. 3
8
A
Tj
junction temperature
175
°C
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF = 8 A; Tj = 25 °C; Fig. 5
-
1.5
1.7
V
IF = 8 A; Tj = 150 °C; Fig. 5
-
1.8
2.1
V
Dynamic characteristics
Qr
recovered charge
IF = 8 A; dIF/dt = 500 A/μs; VR = 400 V;
Tj = 25 °C; Fig. 7
-
13
-
nC
Highly stable switching performance
High forward surge capability IFSM
Extremely fast reverse recovery time
Superior in efficiency to Silicon Diode alternatives
Reduced losses in associated MOSFET
Reduced EMI
Reduced cooling requirements
RoHS compliant
RoHS
halogen-Free
Lead-Free


Similar Part No. - WNSC08650T

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNSC021200 WEEN-WNSC021200 Datasheet
367Kb / 11P
Silicon Carbide Diode
WNSC04650T WEEN-WNSC04650T Datasheet
503Kb / 11P
Silicon Carbide Diode
WNSC04650T6J WEEN-WNSC04650T6J Datasheet
503Kb / 11P
Silicon Carbide Diode
WNSC051200 WEEN-WNSC051200 Datasheet
372Kb / 11P
Silicon Carbide Diode
WNSC06650T WEEN-WNSC06650T Datasheet
506Kb / 11P
Silicon Carbide Diode
More results

Similar Description - WNSC08650T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
Silicon Carbide Diode
NXPSC06650D WEEN-NXPSC06650D Datasheet
272Kb / 10P
Silicon Carbide Diode
NXPSC08650 WEEN-NXPSC08650 Datasheet
482Kb / 8P
Silicon Carbide Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com