Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UGF8JTHE3_A/P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UGF8JTHE3_A/P
Description  High Voltage Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF8JTHE3_A/P Datasheet(HTML) 1 Page - Vishay Siliconix

  UGF8JTHE3_A/P Datasheet HTML 1Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 2Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 3Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 4Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UG8xT, UGF8xT, UGB8xT
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jun-2019
1
Document Number: 88767
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ultrafast Rectifier
DESIGN SUPPORT TOOLS AVAILABLE
FEATURES
• Power pack
• Glass passivated chip junction
• Ultrafast recovery time
• Soft recovery characteristics
• Low switching losses, high efficiency
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
245 °C (for D2PAK (TO-263AB package))
• Solder dip 275 °C max., 10 s per JESD 22-B106
(for TO-220AC and ITO-220AC package)
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHE3
(for ITO-220AC and D2PAK (TO-263AB package))
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high voltage and high frequency power factor
correction application.
MECHANICAL DATA
Case: TO-220AC, ITO-220AC, D2PAK (TO-263AB)
Molding compound meets UL 94V-0 flammability rating
Base
P/N-E3
-
RoHS-compliant,
commercial
grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B,....)
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: as marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)
8.0 A
VRRM
500 V to 600 V
IFSM
100 A
trr
25 ns
tfr
500 ns
VF at IF = 8 A
1.5 V
TJ max.
150 °C
Package
TO-220AC, ITO-220AC, D2PAK (TO-263AB)
Circuit configuration
Single
CASE
PIN 2
PIN 1
TO-220AC
UG8xT
ITO-220AC
UGF8xT
UGB8xT
PIN 1
PIN 2
K
HEATSINK
1
2
1
2
K
PIN 2
PIN 1
D2PAK (TO-263AB)
1
2
33
DD3 D
3D Models
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG8HT
UG8JT
UNIT
Max. repetitive peak reverse voltage
VRRM
500
600
V
Max. working reverse voltage
VRWM
400
480
V
Max. RMS voltage
VRMS
350
420
V
Max. DC blocking voltage
VDC
500
600
V
Max. average forward rectified current
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave superimposed
on rated load
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
Isolation voltage (ITO-220AB only) from terminals to heatsink t = 1 min
VAC
1500
V


Similar Part No. - UGF8JTHE3_A/P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGF8JTHE3/45 VISHAY-UGF8JTHE3/45 Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
More results

Similar Description - UGF8JTHE3_A/P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
HIGH VOLTAGE ULTRAFAST RECTIFIER
Jan-2003
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
High voltage ultrafast rectifier
20-Mar-2007
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
High voltage ultrafast rectifier
03-Apr-2007
logo
Vishay Siliconix
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
High Voltage Ultrafast Rectifier
09-Nov-07
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
High Voltage Ultrafast Rectifier
12-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
High Voltage Ultrafast Rectifier
25-Aug-08
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
High Voltage Ultrafast Rectifier
21-Aug-13
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
High Voltage Ultrafast Rectifier
07-Dec-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
High Voltage Ultrafast Rectifier
13-May-08
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
Ultrafast high voltage rectifier
May 2015
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com