Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UGF8JTHE3_A/P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGF8JTHE3_A/P
Description  High Voltage Ultrafast Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF8JTHE3_A/P Datasheet(HTML) 2 Page - Vishay Siliconix

  UGF8JTHE3_A/P Datasheet HTML 1Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 2Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 3Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 4Page - Vishay Siliconix UGF8JTHE3_A/P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UG8xT, UGF8xT, UGB8xT
www.vishay.com
Vishay General Semiconductor
Revision: 24-Jun-2019
2
Document Number: 88767
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified available in ITO-220 and D2PAK (TO-263AB) package
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
UG8HT
UG8JT
UNIT
Max. instantaneous forward voltage (1)
IF = 8 A
TJ = 25 °C
VF
1.75
V
IF = 8 A
TJ = 125 °C
1.50
Max. DC reverse current at VRWM
TJ = 25 °C
IR
30
μA
TJ = 100 °C
800
μA
TJ = 125 °C
4.0
mA
Max. reverse recovery time
IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
trr
25
ns
IF = 1.0 A, dI/dt = 50 A/μs, VR = 30 V, Irr = 0.1 IRM
trr
50
ns
Typical softness factor (tb/ta)
IF = 8.0 A, dI/dt = 240 A/μs, VR = 400 V, Irr = 0.1 IRM
S
1.0
-
Max. reverse recovery current
IF = 8.0 A, dI/dt = 64 A/μs, VR = 400 V, TC = 125 °C
IRM
5.5
A
IF = 8.0 A, dI/dt = 240 A/μs, VR = 400 V, TC = 125 °C
IRM
10
A
Peak forward recovery time
IF = 8.0 A, dI/dt = 64 A/μs, VF = 1.1 x VF max.
tfr
500
ns
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UG8
UGF
UGB8
UNIT
Typical thermal resistance from junction to case
RJC
2.2
5.0
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
UG8JT-E3/45
1.80
45
50/tube
Tube
ITO-220AC
UGF8JT-E3/45
1.95
45
50/tube
Tube
D2PAK (TO-263AB)
UGB8JT-E3/45
1.33
45
50/tube
Tube
D2PAK (TO-263AB)
UGB8JT-E3/81
1.33
81
800/reel
Tape and reel
ITO-220AC
UGF8JTHE3_A/P (1)
1.95
P
50/tube
Tube
D2PAK (TO-263AB)
UGB8JTHE3_A/P (1)
1.33
P
50/tube
Tube
D2PAK (TO-263AB)
UGB8JTHE3_A/I (1)
1.33
I
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com