Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-90UT Datasheet(PDF) 56 Page - STMicroelectronics

Part # PSD813F1AV-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-90UT Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD813F1AV-90UT Datasheet HTML 52Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 53Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 54Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 55Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 56Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 57Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 58Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 59Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
PSD813F1V
56/110
Address In Mode
For microcontrollers that have more than 16 ad-
dress lines, the higher addresses can be connect-
ed to Port A, B, C, and D. The address input can
be latched in the Input Macrocell by the address
strobe (ALE/AS). Any input that is included in the
DPLD equations for the PLD’s Flash, EEPROM, or
SRAM is considered to be an address input.
Data Port Mode
Port A can be used as a data bus port for a micro-
controller with a non-multiplexed address/data
bus. The Data Port is connected to the data bus of
the microcontroller. The general I/O functions are
disabled in Port A if the port is configured as a
Data Port.
Peripheral I/O Mode
Peripheral I/O Mode can be used to interface with
external peripherals. In this mode, all of Port A
serves as a tri-stateable, bi-directional data buffer
for the microcontroller. Peripheral I/O Mode is en-
abled by setting Bit 7 of the VM Register to a ‘1.’
Figure 28 shows how Port A acts as a bi-direction-
al buffer for the microcontroller data bus if Periph-
eral I/O Mode is enabled. An equation for PSEL0
and/or PSEL1 must be written in PSDabel. The
buffer is tri-stated when PSEL 0 or PSEL1 is not
active.
Figure 28. Peripheral I/O Mode
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0 - D7
DATA BUS
AI02886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com