Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-90UT Datasheet(PDF) 22 Page - STMicroelectronics

Part # PSD813F1AV-90UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-90UT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PSD813F1AV-90UT Datasheet HTML 18Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 19Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 20Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 21Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 22Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 23Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 24Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 25Page - STMicroelectronics PSD813F1AV-90UT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 110 page
background image
PSD813F1V
22/110
READ
Under typical conditions, the microcontroller may
read the Flash or EEPROM memory using READ
operations just as it would a ROM or RAM device.
Alternately, the microcontroller may use READ op-
erations to obtain status information about a Pro-
gram or Erase operation in progress. Lastly, the
microcontroller may use instructions to read spe-
cial data from these memories. The following sec-
tions describe these READ functions.
Read Memory Contents. Main Flash is placed in
the READ mode after power-up, chip reset, or a
Reset Flash instruction (see Table 8., page 20).
The microcontroller can read the memory contents
of main Flash or EEPROM by using READ opera-
tions any time the READ operation is not part of an
instruction sequence.
Read Main Flash Memory Identifier. The main
Flash memory identifier is read with an instruction
composed of 4 operations:
3 specific write operations and a READ operation
(see Table 8). During the READ operation, ad-
dress bits A6, A1, and A0 must be 0,0,1, respec-
tively, and the appropriate sector select signal
(FSi) must be active. The Flash ID is E3h for the
PSD. The MCU can read the ID only when it is ex-
ecuting from the EEPROM.
Read Main Flash Memory Sector Protection
Status. The main Flash memory sector protection
status is read with an instruction composed of 4
operations: 3 specific WRITE operations and a
READ operation (see Table 8., page 20). During
the READ operation, address bits A6, A1, and A0
must be 0,1,0, respectively, while the chip select
FSi designates the Flash sector whose protection
has to be verified. The READ operation will pro-
duce 01h if the Flash sector is protected, or 00h if
the sector is not protected.
The sector protection status for all NVM blocks
(main Flash or EEPROM) can be read by the mi-
crocontroller accessing the Flash Protection and
PSD/EE Protection registers in PSD I/O space.
See
Flash
Memory
and
EEPROM
Sector
Protect, page 30 for register definitions.
Reading the OTP Row. There are 64 bytes of
One-Time-Programmable (OTP) memory that re-
side in EEPROM. These 64 bytes are in addition
to the 32 Kbytes of EEPROM memory. A READ of
the OTP row is done with an instruction composed
of at least 4 operations: 3 specific WRITE opera-
tions and one to 64 READ operations (see Table
8., page 20). During the READ operation(s), ad-
dress bit A6 must be zero, while address bits A5-
A0 define the OTP Row byte to be read while any
EEPROM sector select signal (EESi) is active. Af-
ter reading the last byte, an EEPROM Return in-
struction
must
be
executed
(see
Table
8., page 20).
Reading the Erase/Program Status Bits. The
PSD provides several status bits to be used by the
microcontroller to confirm the completion of an
erase or programming instruction of Flash memo-
ry. Bits are also available to show the status of
WRITES to EEPROM. These status bits minimize
the time that the microcontroller spends perform-
ing these tasks and are defined in Table 9. The
status bits can be read as many times as needed.
For Flash memory, the microcontroller can per-
form a READ operation to obtain these status bits
while an Erase or Program instruction is being ex-
ecuted by the embedded algorithm. See the sec-
tion
entitled
PROGRAMMING
FLASH
MEMORY, page 27 for details.
For EEPROM not in SDP mode, the microcontrol-
ler can perform a READ operation to obtain these
status bits just after a data WRITE operation. The
microcontroller may write one to 64 bytes before
reading the status bits. See the section entitled
Writing to the EEPROM, page 24 for details.
For EEPROM in SDP mode, the microcontroller
will perform a READ operation to obtain these sta-
tus bits while an SDP write instruction is being ex-
ecuted by the embedded algorithm. See section
entitled
EEPROM
Software
Data
Protect
(SDP), page 24 for details.
Table 9. Status Bit
Note: 1. X = not guaranteed value, can be read either 1 or 0.
2. DQ7-DQ0 represent the Data Bus Bits, D7-D0.
3. FSi and EESi are active High.
Device
FSi/
CSBOOTi
EESi
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Flash
VIH
VIL
Data Polling
Toggle
Flag
Error
Flag
X
Erase
Timeout
XX
X
EEPROM
VIL
VIH
Data Polling
Toggle
Flag
XX
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com