Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1V-12MIT Datasheet(PDF) 90 Page - STMicroelectronics

Part # PSD813F1V-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-12MIT Datasheet(HTML) 90 Page - STMicroelectronics

Back Button PSD813F1V-12MIT Datasheet HTML 86Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 87Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 88Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 89Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 90Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 91Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 92Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 93Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
PSD813F1V
90/110
Table 56. READ Timing (3V devices)
Note: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
2. RD and PSEN have the same timing for 8031.
3. Any input used to select an internal PSD function.
4. In multiplexed mode latched address generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS, LDS, and UDS signals.
6. In Turbo Off mode, add 20ns to tAVQV.
Symbol
Parameter
Conditions
-15
-20
Turbo
Off
Unit
Min
Max
Min
Max
tLVLX
ALE or AS Pulse Width
26
30
ns
tAVLX
Address Setup Time
(Note 3)
10
12
ns
tLXAX
Address Hold Time
(Note 3)
12
14
ns
tAVQV
Address Valid to Data Valid
(Note 3,6)
150
200
+ 20
ns
tSLQV
CS Valid to Data Valid
150
200
ns
tRLQV
RD to Data Valid 8-Bit Bus
(Note 5)
35
40
ns
RD or PSEN to Data Valid 8-Bit Bus,
8031, 80251
(Note 2)
50
55
ns
tRHQX
RD Data Hold Time
(Note 1)
00
ns
tRLRH
RD Pulse Width (also DS, LDS, UDS)40
45
ns
RD or PSEN Pulse Width (8031, 80251)
55
60
ns
tRHQZ
RD to Data High-Z
(Note 1)
40
45
ns
tEHEL
E Pulse Width
45
52
ns
tTHEH
R/W Setup Time to Enable
18
20
ns
tELTL
R/W Hold Time After Enable
0
0
ns
tAVPV
Address Input Valid to
Address Output Delay
(Note 4)
35
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com