Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1V-12MIT Datasheet(PDF) 99 Page - STMicroelectronics

Part # PSD813F1V-12MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-12MIT Datasheet(HTML) 99 Page - STMicroelectronics

Back Button PSD813F1V-12MIT Datasheet HTML 95Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 96Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 97Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 98Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 99Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 100Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 101Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 102Page - STMicroelectronics PSD813F1V-12MIT Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 110 page
background image
99/110
PSD813F1V
Table 72. ISC Timing (3V devices)
Note: 1. For non-PLD Programming, Erase or in ISC by-pass mode.
2. For Program or Erase PLD only.
Table 73. Power-down Timing (5V devices)
Note: 1. tCLCL is the period of CLKIN (PD1).
Table 74. Power-down Timing (3V devices)
Note: 1. tCLCL is the period of CLKIN (PD1).
Symbol
Parameter
Conditions
-15
-20
Unit
MinMax
MinMax
tISCCF
Clock (TCK, PC1) Frequency (except for
PLD)
(Note 1)
10
9
MHz
tISCCH
Clock (TCK, PC1) High Time (except for PLD)
(Note 1)
45
51
ns
tISCCL
Clock (TCK, PC1) Low Time (except for PLD)
(Note 1)
45
51
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
22
MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
240
ns
tISCPSU
ISC Port Set Up Time
13
15
ns
tISCPH
ISC Port Hold Up Time
10
10
ns
tISCPCO
ISC Port Clock to Output
36
40
ns
tISCPZV
ISC Port High-Impedance to Valid Output
36
40
ns
tISCPVZ
ISC Port Valid Output to
High-Impedance
36
40
ns
Symbol
Parameter
Conditions
-90
-12
-15
Unit
Min
Max
Min
Max
Min
Max
tLVDV
ALE Access Time from Power-down
90
120
150
ns
tCLWH
Maximum Delay from
APD Enable to Internal PDN Valid
Signal
Using CLKIN
(PD1)
15 * tCLCL
1
µs
Symbol
Parameter
Conditions
-15
-20
Unit
Min
Max
Min
Max
tLVDV
ALE Access Time from Power-down
150
200
ns
tCLWH
Maximum Delay from APD Enable to
Internal PDN Valid Signal
Using CLKIN
(PD1)
15 * tCLCL
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com