Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD105BCPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 30Page - Analog Devices ADPD105BCPZ Datasheet HTML 31Page - Analog Devices ADPD105BCPZ Datasheet HTML 32Page - Analog Devices ADPD105BCPZ Datasheet HTML 33Page - Analog Devices ADPD105BCPZ Datasheet HTML 34Page - Analog Devices ADPD105BCPZ Datasheet HTML 35Page - Analog Devices ADPD105BCPZ Datasheet HTML 36Page - Analog Devices ADPD105BCPZ Datasheet HTML 37Page - Analog Devices ADPD105BCPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
ADPD105/ADPD106/ADPD107
Data Sheet
Rev. A | Page 34 of 66
5.
Enter normal operation mode by setting Register 0x10 to 0x2.
6.
When an interrupt occurs
a. There is no requirement to read the FIFO_SAMPLES bits,
because the interrupt is generated only if there is one or
more full packets. Optionally, the interrupt routine can
check for the presence of more than one available
packet by reading these bits.
b. Read a complete packet using one or more multiword
accesses using Register 0x60. Reading the FIFO
automatically frees the space for new samples.
The FIFO interrupt automatically clears immediately upon
reading any data from the FIFO and is set again only when the
FIFO is written and the number of words is above the threshold.
Polling Method
To read data from the FIFO in a polling method, use the
following procedure:
1.
In program mode, set the configuration of the time slots as
desired for operation.
2.
Write Register 0x11 with the desired data format for each
time slot.
3.
Enter normal operation mode by setting Register 0x10 to 2.
Next, begin the polling operations.
1.
Wait for the polling interval to expire.
2.
Read the FIFO_SAMPLES bits (Register 0x00, Bits[15:8]).
3.
If FIFO_SAMPLES ≥ the packet size, read a packet using
the following steps:
a. Read a complete packet using one or more multiword
accesses via Register 0x60. Reading the FIFO
automatically frees the space for new samples.
b. Repeat Step 1.
When a mode change is required, or any other disruption to
normal sampling is necessary, the FIFO must be cleared. Use
the following procedure to clear the state and empty the FIFO:
1.
Enter program mode by setting Register 0x10 to 0x1.
2.
Write 1 to Register 0x00, Bit 15.
Reading Data from Registers Using Interrupts
The latest sample data is always available in the data registers and is
updated simultaneously at the end of each time slot. The data value
for each photodiode channel is available as a 16-bit value in Regis-
ter 0x64 through Register 0x67 for Time Slot A, and Register 0x68
through Register 0x6B for Time Slot B. If allowed to reach their
maximum value, Register 0x64 through Register 0x6B clip. If
Register 0x64 through Register 0x6B saturate, the unsaturated (up
to 27 bits) values for each channel are available in Register 0x70
through Register 0x77 for Time Slot A and Register 0x78 through
Register 0x7F for Time Slot B. Sample interrupts are available to
indicate when the registers are updated and can be read. To use
the interrupt for a given time slot, use the following procedure:
1.
Enable the sample interrupt by writing a 0 to the appropriate
bit in Register 0x01. To enable the interrupt for Time Slot A,
write 0 to Bit 5. To enable the interrupt for Time Slot B,
write 0 to Bit 6. Either or both interrupts can be set.
2.
Configure the interrupt pin (GPIOx) by writing the
appropriate value to the bits in Register 0x02.
3.
An interrupt generates when the data registers are updated.
4.
The interrupt handler must perform the following:
a. Read Register 0x00 and observe Bit 5 or Bit 6 to confirm
which interrupt has occurred. This step is not required if
only one interrupt is in use.
b. Read the data registers before the next sample can be
written. The system must have interrupt latency and
service time short enough to respond before the next
data update, based on the output data rate.
c. Write a 1 to Bit 5 or Bit 6 in Register 0x00 to clear the
interrupt.
If both time slots are in use, it is possible to use only the
Time Slot B interrupt to signal when all registers can be read. It
is recommended to use the multiword read to transfer the data
from the data registers.
Reading Data from Registers Without Interrupts
If the system interrupt response is not fast or predictable enough to
use the interrupt method, or if the interrupt pin (GPIOx) is not
used, it is possible to obtain reliable data access by using the data
hold mechanism. To guarantee that the data read from the registers
is from the same sample time, it is necessary to prevent the
update of samples while reading the current values. The method
for doing register reads without interrupt timing is as follows:
1.
Write a 1 to SLOTA_DATA_HOLD or SLOTB_DATA_
HOLD (Register 0x5F, Bit 1 and Bit 2, respectively) for the
time slot requiring access (both time slots can be accessed).
This setting prevents sample updates.
2.
Read the registers as desired.
3.
Write a 0 to the SLOTA_DATA_HOLD or SLOTB_DATA_
HOLD bits (Register 0x5F, Bit 1 and Bit 2, respectively)
previously set. Sample updates are allowed again.
Because a new sample may arrive while the reads are occurring,
this method prevents the new sample from partially overwriting
the data being read.
CLOCKS AND TIMING CALIBRATION
The ADPD105/ADPD106/ADPD107 operate using two internal
time bases: a 32 kHz clock sets the sample timing, and a 32 MHz
clock controls the timing of the internal functions such as LED
pulsing and data capture. Both clocks are internally generated
and exhibit device to device variation of approximately 10%
(typical).
Heart rate monitoring applications require an accurate time
base to achieve an accurate count of beats per minute. The
ADPD105/ADPD106/ADPD107 provide a simple calibration
procedure for both clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com