Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPD105BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADPD105BCPZ
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADPD105BCPZ Datasheet HTML 41Page - Analog Devices ADPD105BCPZ Datasheet HTML 42Page - Analog Devices ADPD105BCPZ Datasheet HTML 43Page - Analog Devices ADPD105BCPZ Datasheet HTML 44Page - Analog Devices ADPD105BCPZ Datasheet HTML 45Page - Analog Devices ADPD105BCPZ Datasheet HTML 46Page - Analog Devices ADPD105BCPZ Datasheet HTML 47Page - Analog Devices ADPD105BCPZ Datasheet HTML 48Page - Analog Devices ADPD105BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 45 of 66
Table 27. Configuration Registers to Switch Between the Normal Sample Mode, TIA ADC Mode, and Digital Integration Mode
Address
Data
Bits
Bit Name
Normal
Mode
Value
TIA ADC
Mode Value
Digital
Integration
Mode Value
Description
0x42
[15:8]
SLOTA_AFE_MODE
0x1C
Not applicable
0x1D
In normal mode, this setting configures the
integrator block for optimal operation. In
digital integration mode, this setting
configures the integrator block as a buffer.
This setting is not important for TIA ADC
mode.
7
SLOTA_INT_AS_BUF
0x0
0x1
Not applicable
0: normal integrator configuration.
1: convert integrator to buffer amplifier (this is
done automatically in digital integrate mode).
0x43
[15:0]
SLOTA_AFE_CFG
0xADA5
0xAE65
0xAE65
Time Slot A AFE connection.
0xAE65 bypasses the band-pass filter.
0xB065 can also be used in TIA ADC mode.
This setting bypasses the BPF and the
integrator.
0x44
[15:8]
SLOTB_AFE_MODE
0x1C
Not applicable
0x1D
In normal mode, this setting configures the
integrator block for optimal operation. In
digital integration mode, this setting
configures the integrator block as a buffer.
This setting is not important for TIA ADC
mode.
7
SLOTB_INT_AS_BUF
0x0
0x1
Not applicable
0: normal integrator configuration.
1: convert integrator to buffer amplifier (this is
done automatically in digital integrate mode).
0x45
[15:0]
SLOTB_AFE_CFG
0xADA5
0xAE65
0xAE65
Time Slot B AFE connection.
0xAE65 bypasses the band-pass filter.
0xB065 can also be used in TIA ADC mode.
This setting bypasses the BPF and the
integrator.
0x4E
[15:0]
ADC_TIMING
Not
applicable
Not applicable
0x0040
Set ADC clock to 1 MHz in TIA ADC mode.
0x58
13
SLOTB_DIGITAL_INT_EN
0x0
0x0
0x1
Digital integrate mode enable, Time Slot B.
0: disable.
1: enable.
12
SLOTA_DIGITAL_INT_EN
0x0
0x0
0x1
Digital integrate mode enable, Time Slot A.
0: disable.
1: enable.
0x5A
[15:0]
DIG_INT_CFG
Not
applicable
Not applicable
Variable
Configuration of digital integration depends
on the use case. This register is ignored for
other modes.
PULSE CONNECT MODE
In pulse connect mode, the photodiode input connections are
pulsed according to the timing set up in the LED pulse timing
registers. In this mode, if the LED pulse timing is set up to provide
a 2 μs LED pulse, the device pulses the connection to the photo-
diode input for 2 μs instead of providing a 2 μs LED pulse. This
mode is an alternate to TIA ADC mode, allowing the entire
signal path, including the band-pass filter and integrator, to be
used to measure ambient light as well as other types of measure-
ments with different types of sensors (for example, ECGs).
To enable pulse connect mode, the device is configured identically
to normal mode, except that Register 0x14, Bits[3:2] = 0 for
Time Slot B, and Register 0x14, Bits[1:0] = 0 for Time Slot A.
SYNCHRONOUS ECG AND PPG MEASUREMENT
USING TIA ADC MODE
In wearable devices developed for monitoring the health care of
patients, it is often necessary to have synchronized measurements
of biomedical signals. For example, a synchronous measurement of
patient ECG and PPG can be used to determine the pulse wave
transit time (PWTT), which can then be used to estimate blood
pressure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com