Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADGS1208BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADGS1208BCPZ
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1208BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADGS1208BCPZ Datasheet HTML 25Page - Analog Devices ADGS1208BCPZ Datasheet HTML 26Page - Analog Devices ADGS1208BCPZ Datasheet HTML 27Page - Analog Devices ADGS1208BCPZ Datasheet HTML 28Page - Analog Devices ADGS1208BCPZ Datasheet HTML 29Page - Analog Devices ADGS1208BCPZ Datasheet HTML 30Page - Analog Devices ADGS1208BCPZ Datasheet HTML 31Page - Analog Devices ADGS1208BCPZ Datasheet HTML 32Page - Analog Devices ADGS1208BCPZ Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 33 of 33
OUTLINE DIMENSIONS
0.80
0.75
0.70
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGD-8
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
0.30
0.25
0.18
0.20 MIN
2.70
2.60 SQ
2.50
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 56. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-24-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADGS1208BCPZ
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-15
ADGS1208BCPZ-RL7
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-15
ADGS1209BCPZ
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-15
ADGS1209BCPZ-RL7
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-15
EVAL-ADGS1208SDZ
ADGS1208 Evaluation Board
EVAL-ADGS1209SDZ
ADGS1209 Evaluation Board
1
Z = RoHS Compliant Part.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16724-0-4/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com