Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADGS1409BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADGS1409BCPZ
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADGS1409BCPZ Datasheet HTML 25Page - Analog Devices ADGS1409BCPZ Datasheet HTML 26Page - Analog Devices ADGS1409BCPZ Datasheet HTML 27Page - Analog Devices ADGS1409BCPZ Datasheet HTML 28Page - Analog Devices ADGS1409BCPZ Datasheet HTML 29Page - Analog Devices ADGS1409BCPZ Datasheet HTML 30Page - Analog Devices ADGS1409BCPZ Datasheet HTML 31Page - Analog Devices ADGS1409BCPZ Datasheet HTML 32Page - Analog Devices ADGS1409BCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 29 of 34
REGISTER SUMMARIES
Table 12. ADGS1408 Register Summary
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
RW
0x01
SW_DATA
GPO4
GPO3
GPO2
GPO1
A2
A1
A0
EN
0x00
R/W
0x02
ERR_CONFIG
Reserved
RW_ERR_EN
SCLK_ERR_EN
CRC_ERR_EN
0x06
R/W
0x03
ERR_FLAGS
Reserved
RW_ERR_FLAG
SCLK_ERR_FLAG
CRC_ERR_FLAG
0x00
R
0x05
BURST_EN
Reserved
BURST_MODE_EN
0x00
R/W
0x06
ROUND_ROBIN_EN
Reserved
ROUND_ROBIN_EN
0x00
R/W
0x07
RROBIN_CHANNEL_CONFIG
S8_EN
S7_EN
S6_EN
S5_EN
S4_EN
S3_EN
S2_EN
S1_EN
0xFF
R/W
0x09
CNV_EDGE_SEL
Reserved
CNV_EDGE_SEL
0x00
R/W
0x0B
SOFT_RESETB
SOFT_RESETB
0x00
R/W
Table 13. ADGS1409 Register Summary
Reg.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
RW
0x01
SW_DATA
GPO5
GPO4
GPO3
GPO2
GPO1
A1
A0
EN
0x00
R/W
0x02
ERR_CONFIG
Reserved
RW_ERR_EN
SCLK_ERR_EN
CRC_ERR_EN
0x06
R/W
0x03
ERR_FLAGS
Reserved
RW_ERR_FLAG
SCLK_ERR_FLAG
CRC_ERR_FLAG
0x00
R
0x05
BURST_EN
Reserved
BURST_MODE_EN
0x00
R/W
0x06
ROUND_ROBIN_EN
Reserved
ROUND_ROBIN_EN
0x00
R/W
0x07
RROBIN_CHANNEL_CONFIG
Reserved
S4_EN
S3_EN
S2_EN
S1_EN
0x0F
R/W
0x09
CNV_EDGE_SEL
Reserved
CNV_EDGE_SEL
0x00
R/W
0x0B
SOFT_RESETB
SOFT_RESETB
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com