Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADGS1409BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADGS1409BCPZ
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADGS1409BCPZ Datasheet HTML 16Page - Analog Devices ADGS1409BCPZ Datasheet HTML 17Page - Analog Devices ADGS1409BCPZ Datasheet HTML 18Page - Analog Devices ADGS1409BCPZ Datasheet HTML 19Page - Analog Devices ADGS1409BCPZ Datasheet HTML 20Page - Analog Devices ADGS1409BCPZ Datasheet HTML 21Page - Analog Devices ADGS1409BCPZ Datasheet HTML 22Page - Analog Devices ADGS1409BCPZ Datasheet HTML 23Page - Analog Devices ADGS1409BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 20 of 34
OUTPUT
ADGS14081
100Ω
GND
S1
S2 TO S7
S8
D
35pF
VDD
VSS
VDD
VSS
VS
1SIMILAR CONNECTION FOR THE ADGS1409.
0V
OUTPUT
80%
80%
tD
SCLK
VS1 = VS8
Figure 39. Break-Before-Make Time Delay, tD
VDD
VSS
VDD
VSS
GND
RL
100Ω
CL
35pF
D
VOUT
S8
VS8
S1
ADGS14081
S2 TO S7
1SIMILAR CONNECTION FOR THE THE ADGS1409.
VS1
50%
tTRANSITION
tTRANSITION
10%
90%
50%
SCLK
Figure 40. Transition Time, tTRANSITION
VDD
VSS
VDD
VSS
GND
RL
100Ω
CL
35pF
D
VOUT
S1
S2 TO S8
VS1
50%
10%
90%
50%
SCLK
ADGS14081
1SIMILAR CONNECTION FOR THE ADGS1409.
tOFF (EN)
tON (EN)
Figure 41. Switching Times, tON (EN) and tOFF (EN)
VDD
VSS
VDD
VSS
GND
INPUT LOGIC
CL
1nF
Sx
Dx
VOUT
RS
VS
SCLK
3V
VOUT
∆VOUT
QINJ = CL × ∆VOUT
SWITCH OFF
SWITCH ON
Figure 42. Charge Injection, QINJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com