Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF7024BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADF7024BCPZ
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024BCPZ Datasheet(HTML) 5 Page - Analog Devices

  ADF7024BCPZ Datasheet HTML 1Page - Analog Devices ADF7024BCPZ Datasheet HTML 2Page - Analog Devices ADF7024BCPZ Datasheet HTML 3Page - Analog Devices ADF7024BCPZ Datasheet HTML 4Page - Analog Devices ADF7024BCPZ Datasheet HTML 5Page - Analog Devices ADF7024BCPZ Datasheet HTML 6Page - Analog Devices ADF7024BCPZ Datasheet HTML 7Page - Analog Devices ADF7024BCPZ Datasheet HTML 8Page - Analog Devices ADF7024BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADF7024
Rev. B | Page 5 of 24
TRANSMITTER SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DATA RATE
Radio Profile A
9.6
kbps
Radio Profile B
38.4
kbps
Radio Profile C
50
kbps
Radio Profile D
100
kbps
Radio Profile E
200
kbps
Radio Profile F
300
kbps
FSK/GFSK FREQUENCY DEVIATION
Radio Profile A
9.6
kHz
Radio Profile B
20
kHz
Radio Profile C
25
kHz
Radio Profile D
25
kHz
Radio Profile E
50
kHz
Radio Profile F
75
kHz
GAUSSIAN FILTER BANDWITH TIME (BT)
0.5
Not programmable
POWER AMPLIFIER
Maximum Power1
13.5
dBm
Programmable, separate PA and LNA match2
Minimum Power
−20
dBm
Transmit Power
Variation vs. Temperature
±0.5
dB
−40°C to +85°C, RF = 868 MHz
Variation vs. VDD
±1
dB
2.2 V to 3.6 V, RF = 868 MHz
Flatness
±1
dB
902 MHz to 928 MHz and 863 MHz to 870 MHz
Programmable Step Size
0.5
dB
−20 dBm to +13.5 dBm, programmable in 60 steps
HARMONICS
868 MHz, unfiltered conductive, PA output power = 10 dBm
Second Harmonic
−15.1
dBc
Third Harmonic
−29.3
dBc
All Other Harmonics
−47.6
dBc
OPTIMUM PA LOAD IMPEDANCE
PA Output in Transmit Mode
fRF = 915 MHz
50.8 + j10.2
Ω
fRF = 868 MHz
45.5 + j12.1
Ω
fRF = 433 MHz
46.8 + j19.9
Ω
PA Output in Receive Mode
fRF = 915 MHz
9.4 − j124
Ω
fRF = 868 MHz
9.5 − j130.6
Ω
fRF = 433 MHz
11.9 −
j260.1
Ω
1 Measured as the maximum unmodulated power.
2 A combined single-ended PA and LNA match can reduce the maximum achievable output power by as much as 1 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com