Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADF7024BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADF7024BCPZ
Description  Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7024BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADF7024BCPZ Datasheet HTML 5Page - Analog Devices ADF7024BCPZ Datasheet HTML 6Page - Analog Devices ADF7024BCPZ Datasheet HTML 7Page - Analog Devices ADF7024BCPZ Datasheet HTML 8Page - Analog Devices ADF7024BCPZ Datasheet HTML 9Page - Analog Devices ADF7024BCPZ Datasheet HTML 10Page - Analog Devices ADF7024BCPZ Datasheet HTML 11Page - Analog Devices ADF7024BCPZ Datasheet HTML 12Page - Analog Devices ADF7024BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADF7024
AUXILARY BLOCK SPECIFICATIONS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
32 kHz RC OSCILLATOR
Frequency
32.768
kHz
After calibration
Frequency Accuracy
1.5
%
After calibration at 25°C
Frequency Drift
Temperature Coefficient
0.14
%/°C
Voltage Coefficient
4
%/V
Calibration Time
1.25
ms
WAKE-UP CONTROLLER (WUC)
Hardware Timer
Wake-Up Period
61 × 10−6
1.31 × 105
sec
Firmware Timer
Wake-Up Period
1
216
Hardware
periods
Firmware counter counts of the number of
hardware wake-up cycles, resolution of 16 bits
ADC
Resolution
8
Bits
DNL
±1
LSB
VDD from 2.2 V to 3.6 V, TA = 25°C
INL
±1
LSB
VDD from 2.2 V to 3.6 V, TA = 25°C
Conversion Time
1
µs
Input Capacitance
12.4
pF
BATTERY MONITOR
Absolute Accuracy
±45
mV
Alarm Voltage Set Point
1.7
2.7
V
Alarm Voltage Step Size
62
mV
5-bit resolution
Start-Up Time
100
µs
Current Consumption
30
µA
When enabled
TEMPERATURE SENSOR
Range
−40
+85
°C
Resolution
0.3
°C
With averaging
Accuracy of Temperature Readback
−4 to +7
°C
Temperature range = −40°C to +85°C
(calibrated at 25°C)
±4
°C
Temperature range = −36°C to +84°C
(calibrated at 25°C)
±3
°C
Temperature range = −12°C to +79°C
(calibrated at 25°C)
Rev. B | Page 9 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com