Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD57100J800R Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD57100J800R
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100J800R Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD57100J800R Datasheet HTML 3Page - STMicroelectronics LD57100J800R Datasheet HTML 4Page - STMicroelectronics LD57100J800R Datasheet HTML 5Page - STMicroelectronics LD57100J800R Datasheet HTML 6Page - STMicroelectronics LD57100J800R Datasheet HTML 7Page - STMicroelectronics LD57100J800R Datasheet HTML 8Page - STMicroelectronics LD57100J800R Datasheet HTML 9Page - STMicroelectronics LD57100J800R Datasheet HTML 10Page - STMicroelectronics LD57100J800R Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IEN
Enable pin input current VEN = VBIAS = 5.5 V
0.2
1
µA
TON
Turn-on time
From assertion of VEN to VOUT =
98% VOUT(NOM), VOUT(NOM) = 1.0 V
160
µs
SVRIN-ADJ
VIN supply voltage
rejection (adj version)
VIN = VOUT(NOM)+ 0.5 V +/- VRIPPLE
VRIPPLE = 0.2 V; freq=1 kHz
IOUT = 10 mA; VOUT(NOM) = 1.0 V
70
dB
SVRBIAS-ADJ
VBIAS supply voltage
rejection (adj version)
VBIAS = 3.0 V +/- VRIPPLE,
VRIPPLE = 0.2 V; freq=1 kHz;
VIN = VOUT(NOM)+ 0.5 V
IOUT = 10 mA; VOUT(NOM) = 1.0 V
85
dB
eN-ADJ
Output noise voltage
(adj version)
VIN = VOUT(NOM)+ 0.5 V; VOUT(NOM) = 1.0 V;
10 Hz to 100 kHz, IOUT = 1 mA
35 x
VOUT /
VREF
µVRMS
SVRIN-FIX
VIN supply voltage
rejection (adj version)
VIN = VOUT(NOM)+ 0.5 V +/- VRIPPLE
VRIPPLE = 0.2 V; freq=1 kHz
IOUT = 10 mA; VOUT(NOM) = 1.8 V
75
dB
SVRBIAS-FIX
VBIAS supply voltage
rejection (fixed
versions)
VBIAS = 4.0 V +/- VRIPPLE
VRIPPLE = 0.2 V; freq=1 kHz;
VIN = VOUT(NOM)+ 0.5 V
IOUT = 10 mA; VOUT(NOM) = 1.8 V
85
dB
eN-FIX
Output noise voltage
(fixed versions)
VIN = VOUT(NOM)+ 0.5 V; VOUT(NOM) = 1.0 V;
10 Hz to 100 kHz, IOUT = 1 mA
27
µVRMS
RON
Output voltage
discharge MOSFET
150
Ω
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
1. Not applicable to fixed versions with VOUT(NOM) < 2.0 V.
LD57100
Electrical characteristics
DS13123 - Rev 5
page 7/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com