Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD57100J800R Datasheet(PDF) 9 Page - STMicroelectronics

Part # LD57100J800R
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100J800R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LD57100J800R Datasheet HTML 5Page - STMicroelectronics LD57100J800R Datasheet HTML 6Page - STMicroelectronics LD57100J800R Datasheet HTML 7Page - STMicroelectronics LD57100J800R Datasheet HTML 8Page - STMicroelectronics LD57100J800R Datasheet HTML 9Page - STMicroelectronics LD57100J800R Datasheet HTML 10Page - STMicroelectronics LD57100J800R Datasheet HTML 11Page - STMicroelectronics LD57100J800R Datasheet HTML 12Page - STMicroelectronics LD57100J800R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
7
Typical characteristics
CIN = 1 µF; COUT = 10 µF, TJ = 25 °C unless otherwise specified.
Figure 6. VIN drop vs temperature
Iout=250mA
Iout=500mA
Iout=1A
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100
125
150
T[°C]
Figure 7. UVLO vs temperature
1.3
1.4
1.5
1.6
1.7
1.8
-75
-50
-25
0
25
50
75
100
125
150
T [°C]
Rising
Falling
Figure 8. VOUT vs temperature (VBIAS@3 V, VIN@VOUT +0.3
V@1 mA)
494
496
497
499
500
502
503
505
506
-50
-25
0
25
50
75
100
125
150
T [°C]
Figure 9. VOUT vs temperature (VBIAS@3 V, VIN@VOUT +0.3
V@1 A)
494
496
497
499
500
502
503
505
506
-50
-25
0
25
50
75
100
125
150
T [°C]
Figure 10. Vin_line vs temp. (VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0
V)
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
150
T [°C]
VOUT(NOM) + 0.3 V ≤ VIN ≤ 5.0 V
Figure 11. VBIAS_line vs temp. (3.0 V or VOUT(NOM) + 1.6 V,
whichever is greater, ≤ VBIAS ≤ 5.5 V)
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
150
T [°C]
3.0 V or VOUT(NOM) + 1.6 V (whichever is greater) ≤ VBIAS≤ 5.5 V
LD57100
Typical characteristics
DS13123 - Rev 5
page 9/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com