Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32XTR Datasheet(PDF) 29 Page - STMicroelectronics

Part # LSM6DSO32XTR
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32XTR Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LSM6DSO32XTR Datasheet HTML 25Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 26Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 27Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 28Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 29Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 30Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 31Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 32Page - STMicroelectronics LSM6DSO32XTR Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 162 page
background image
6
Functionality
6.1
Operating modes
In the LSM6DSO32X, the accelerometer and the gyroscope can be turned on/off independently of each other and
are allowed to have different ODRs and power modes.
The LSM6DSO32X has three operating modes available:
•
only accelerometer active and gyroscope in power-down;
•
only gyroscope active and accelerometer in power-down;
•
both accelerometer and gyroscope sensors active with independent ODR.
The accelerometer is activated from power-down by writing ODR_XL[3:0] in CTRL1_XL (10h) while the gyroscope
is activated from power-down by writing ODR_G[3:0] in CTRL2_G (11h). For combo mode the ODRs are totally
independent.
6.2
Accelerometer power modes
In the LSM6DSO, the accelerometer can be configured in five different operating modes: power-down, ultra-low-
power, low-power, normal mode and high-performance mode. The operating mode selected depends on the value
of the XL_HM_MODE bit in CTRL6_C (15h). If XL_HM_MODE is set to '0', high-performance mode is valid for all
ODRs (from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the XL_HM_MODE bit has to be set to '1'. Low-power mode is
available for lower ODRs (1.6, 12.5, 26, 52 Hz) while normal mode is available for ODRs equal to 104 and
208 Hz.
6.2.1
Accelerometer ultra-low-power mode
The LSM6DSO32X can be configured in ultra-low-power (ULP) mode by setting the XL_ULP_EN bit to 1 in
CTRL5_C (14h) register. This mode can be used in accelerometer-only mode (gyroscope sensor must be
configured in power-down mode) and for ODR_XL values between 1.6 Hz and 208 Hz.
When ULP mode is intended to be used, the bit XL_HM_MODE must be set to 0.
When ULP mode is switched ON/OFF, the accelerometer must be configured in power-down condition.
The embedded functions based on accelerometer data (free-fall, 6D/4D, tap, double tap, wake-up, activity/
inactivity, stationary/motion, step counter, step detection, significant motion, tilt) and the FIFO batching
functionality are still supported when ULP mode is enabled.
6.3
Gyroscope power modes
In the LSM6DSO, the gyroscope can be configured in four different operating modes: power-down, low-power,
normal mode and high-performance mode. The operating mode selected depends on the value of the
G_HM_MODE bit in CTRL7_G (16h). If G_HM_MODE is set to '0', high-performance mode is valid for all ODRs
(from 12.5 Hz up to 6.66 kHz).
To enable the low-power and normal mode, the G_HM_MODE bit has to be set to '1'. Low-power mode is
available for lower ODRs (12.5, 26, 52 Hz) while normal mode is available for ODRs equal to 104 and 208 Hz.
LSM6DSO32X
Functionality
DS13607 - Rev 1
page 29/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com