Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918AQWT Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R3918AQWT
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918AQWT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R3918AQWT Datasheet HTML 45Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 46Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 47Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 48Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 49Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 50Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 51Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 52Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
DS13490 Rev 1
49/142
ST25R3918
Application information
141
Figure 15. SPI communication: direct command
Direct command chaining
As shown in Figure 16, direct commands with immediate execution can be followed by
another SPI mode (Read, Write or FIFO) without deactivating the BSS signal in between.
Figure 16. SPI communication: direct command chaining
Loading data in the PT_Memory (PT_Memory load)
Loading data into the PT_Memory is similar to loading data into the FIFO. There are three
mode patterns available to load data into three different parts of the PT_memory, as
indicated in Table 9. The first byte following the mode/address pattern is stored in the
location detailed in Table 9, for consecutive bytes the address is automatically incremented
and data are stored to consecutive addresses.
The user must take care that the number of loaded bytes fits the size of the selected
PT_memory area, not to overwrite data in the following PT_memory areas.
4.3.4
I2C interface
The I2C address is 50h.This interface supports:
Standard mode (100 kHz)
Fast mode (400 kHz)
Fast mode Plus (1 MHz)
High speed mode (3.4 MHz).
Table 10 summarizes the I2C interface signals.
MS42466V1
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
/SS raising edge
indicates start of
command execution
Two leading 1s
indicate
Command Mode
1
1
C5
X
X
/SS
SCLK
MOSI
C4
C3
C2
C1
C0
MS51649V1
BSS
Direct command
Read, Write or FIFO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com