Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3918AQWT Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25R3918AQWT
Description  Multi-purpose NFC transceiver
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3918AQWT Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25R3918AQWT Datasheet HTML 37Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 38Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 39Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 40Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 41Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 42Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 43Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 44Page - STMicroelectronics ST25R3918AQWT Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 142 page
background image
DS13490 Rev 1
41/142
ST25R3918
Application information
141
Table 5. PT_Memory address space
Location
Description
Data usage
0-9
NFCID1 (4/7/RFU bytes)
4 bytes: locations 0-3
7 bytes: locations 0-6
NFC-A anticollision
10,11
SENS_RES2:1
SENS_REQ response
12
SELR_L1
SEL Level 1 response.
13
SELR_L2
SEL Level 2 response
14
SELR_L3
RFU
15,16
NFCF_SC
System code (SC) in SENSF_REQ(1)
1. SENSF_RES is transmitted in case received SC=NFCF_SC or SC=0xFFFF.
NFC-F anticollision
17-35
212/424 polling response SENSF_RES format(2)
2. NFC-212/424k SENS_RES format, see Table 6. The last two bytes in SENSF_RES are transmitted based
on the RC bytes in the SENSF_REQ.
36-47
TSN - Random numbers
Slot selection, 24 4-bit random
numbers are stored(3) (4)
3. The 4-bit slot numbers are sequentially used in the NFC212/424 Polling response. When only four TSN
numbers remain unused, an IRQ with I_sl_wl bit is sent.
4. Depending on the number of slots in the Polling request, appropriate number of the MSB bits in the slot
number is used.
Table 6. NFC-212/424k SENS_RES format
Byte 1
Bytes 2-9
Bytes 10-11
Bytes 12-14
Byte 15
Byte 16
Byte 17
Bytes 18-19
01h
NFCID2
PAD0
PAD1
MRTICHECK
MRTIUPDATE
PAD2
[RD]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com