Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1650REMS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1650REMS
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650REMS Datasheet(HTML) 5 Page - Microchip Technology

  MCP1650REMS Datasheet HTML 1Page - Microchip Technology MCP1650REMS Datasheet HTML 2Page - Microchip Technology MCP1650REMS Datasheet HTML 3Page - Microchip Technology MCP1650REMS Datasheet HTML 4Page - Microchip Technology MCP1650REMS Datasheet HTML 5Page - Microchip Technology MCP1650REMS Datasheet HTML 6Page - Microchip Technology MCP1650REMS Datasheet HTML 7Page - Microchip Technology MCP1650REMS Datasheet HTML 8Page - Microchip Technology MCP1650REMS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2004 Microchip Technology Inc.
DS21876A-page 5
MCP1650/51/52/53
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VIN TO GND...........................................................6.0V
CS,FB,LBI,LBO,SHDN,PG,EXT............ GND – 0.3V to
VIN + 0.3V
Current at EXT pin ................................................ ±1A
Storage temperature .......................... -65°C to +150°C
Operating Junction Temperature........ -40°C to +125°C
ESD protection on all pins
........................... ≥ 4kV HBM
† Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply at VIN = +2.7V to +5.5V, SHDN =High,
TJ = -40°C to +125°C. Typical values apply for VIN = 3.3V, TA +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Characteristics
Supply Voltage
VIN
2.7
—
5.5
V
Undervoltage Lockout
(S Option)
UVLO
2.4
2.55
2.7
V
VIN rising edge
Under Voltage Lockout
(R Option)
UVLO
1.85
2.0
2.15
V
VIN rising edge
Undervoltage Hysteresis
UVLOHYST
—117
—
mV
Shutdown Supply Current
ISHD
—
0.001
1
µA
SHDN = GND
Quiescent Supply Current
IQ
—
120
220
µA
EXT = Open
Soft Start Time
TSS
—
500
—
µs
Feedback Characteristics
Feedback Voltage
VFB
1.18
1.22
1.26
V
All conditions
Feedback Comparator
Hysteresis
VHYS
—12
23
mV
Feedback Input Bias Current
IFBlk
-50
—
50
nA
VFB < 1.3V
Current Sense Input
Current Sense Threshold
ISNS-TH
75
114
155
mV
Delay from Current Sense to
Output
Tdly_ISNS
—80
—
ns
Ext Drive
EXT Driver ON Resistance
(High Side)
RHIGH
—8
18
Ω
EXT Driver ON Resistance
(Low Side)
RLOW
—4
12
Ω
Oscillator Characteristics
Switching Frequency
FOSC
650
750
850
kHz
Low Duty Cycle Switch-Over
Voltage
VLowDuty
—3.8
—
V
VIN rising edge
Duty Cycle Switch Voltage
Hysteresis
DCHyst
—92
—
mV
Low Duty Cycle
DCLOW
50
56
62
%
High Duty Cycle
DCHIGH
72
80
88
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com