Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1650REMS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1650REMS
Description  750 kHz Boost Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1650REMS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1650REMS Datasheet HTML 8Page - Microchip Technology MCP1650REMS Datasheet HTML 9Page - Microchip Technology MCP1650REMS Datasheet HTML 10Page - Microchip Technology MCP1650REMS Datasheet HTML 11Page - Microchip Technology MCP1650REMS Datasheet HTML 12Page - Microchip Technology MCP1650REMS Datasheet HTML 13Page - Microchip Technology MCP1650REMS Datasheet HTML 14Page - Microchip Technology MCP1650REMS Datasheet HTML 15Page - Microchip Technology MCP1650REMS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP1650/51/52/53
DS21876A-page 12
 2004 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
External Gate Drive (EXT)
EXT is the output pin that drives the external N-channel
MOSFET on and off during boost operation. EXT is
equal to GND for SHDN or UVLO conditions.
3.2
Circuit Ground (GND)
Connect the GND pin to circuit ground. See layout
guidelines for suggested grounding physical layout.
3.3
Current Sense (CS)
Input peak current is sensed on CS through the exter-
nal current sense resistor. When the sensed current is
converted to a voltage, the current sense threshold is
122 mV below VIN typical. If that threshold is exceeded,
the pulse is terminated asynchronously.
3.4
Feedback Input (FB)
Connect output voltage of boost converter through
external resistor divider to the FB pin for voltage
regulation. The nominal voltage that is compared to this
input for pulse termination is 1.22V.
3.5
Shutdown Input (SHDN)
The SHDN input is used to turn the boost converter on
and off. For normal operation, tie this pin high or to VIN.
To turn off the device, tie this pin to low or ground.
3.6
Low Battery Input (LBI)
LBI is the input pin for the low battery comparator.
When the voltage on this pin falls below the nominal
1.22V threshold setting, the LBO (Low Battery Output)
open-drain is active-low.
3.7
Low Battery Output (LBO)
LBO is an active-low, open-drain output capable of
sinking 10 mA when the LBI pin is below the threshold
voltage. LBO is high-impedance during SHDN or UVLO
conditions.
3.8
Power Good (PG)
PG is an active-high, open-drain output capable of
sinking 10 mA when the FB input pin is 15% below its
typical value or more than 15% above its typical value,
indicating that the output voltage is out of regulation.
PG is high impedance during SHDN or UVLO
condition.
3.9
Input Voltage (VIN)
VIN is an input supply pin. Tie 2.7V to 5.5V input power
source.
Pin No.
MCP1650
Pin No.
MCP1651
Pin No.
MCP1652
Pin No.
MCP1653
Symbol
Function
1111
EXT
External Gate Drive
2222
GND
Ground
3333
CS
Current Sense
4444
FB
Feedback Input
5556
SHDN
Shutdown
—
6
—
7
LBI
Low Battery Input
—7
—8
LBO
Low Battery Output
—
—
7
9
PG
Power Good Output
888
10
VIN
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com