Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STCC05-B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STCC05-B
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STCC05-B Datasheet HTML 2Page - STMicroelectronics STCC05-B Datasheet HTML 3Page - STMicroelectronics STCC05-B Datasheet HTML 4Page - STMicroelectronics STCC05-B Datasheet HTML 5Page - STMicroelectronics STCC05-B Datasheet HTML 6Page - STMicroelectronics STCC05-B Datasheet HTML 7Page - STMicroelectronics STCC05-B Datasheet HTML 8Page - STMicroelectronics STCC05-B Datasheet HTML 9Page - STMicroelectronics STCC05-B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
STCC05-B
6/13
Table 5: Electrical Characteristics (TJ = 25°C, VCC = 12V, unless otherwise specified)
Symbol
Pin
Name
Conditions
Min.
Typ
Max.
Unit
Voltage supply
VDD
VDD
Output voltage supply
IDD = 5 to 40mA
Tamb = 0 to 70°C
VPS = 9 to 16V
CDD = 100µF
VIN1 to 4 = 0V
4.75
5
5.25
V
VPS
VPS
Input supply voltage
7
18
V
ISQ
VPS
Quiescent supply current
VDD = 5V, IDD = 0 (open)
1.3
2
mA
IIN_SC
VPS
Limiting input current
VDD = 0V
Output in short circuit
50
80
120
mA
TOFF
VDD
Shutdown temperature
170
°C
∆T
V
Releasing thermal hysteresis
15
°C
Reset circuit
VH
VDD
Disabling reset threshold
3.4
3.75
4
V
VL
Enabling reset threshold
3.1
3.4
3.6
VHYS
Threshold hysteresis
0.35
TUP
/RST
Disabling reset delay time
CUP = 100nF, VTH = VH/2,
RUP = 100k
Ω
200
400
800
µs
TDW
Enabling reset delay time
CUP = 100nF, VTH = VL/2,
RUP = 100k
Ω
100
200
400
Zero Voltage synchronization circuit
TD
ZVS
Transition filtering time
Rising and falling step
10
30
70
µs
VTH
SYN
Transition threshold
0.6
1.1
1.4
V
ISYN
SYN
Input nominal current
VSYN = 5V
0.3
mA
VSYN = 18V
0.9
1.5
Level shifter, zero voltage synchronization, reset circuits
VOH
LVOUT
/RST
ZVS
High level output voltage
0.8 VDD
V
VOL
Low level output voltage
0.2 VDD
V
Relay coil drivers
IIN4
IN4
Input activating current
VIN4 = 5V
0.85
1.4
mA
VON
RL4
On state output voltage
ION = 150mA, VIN4 > 3.1V
1
1.2
V
IINx
IN1 to 3 Input activating current
VINx = 5V
0.85
1.4
mA
VON
RL1 to 3 On state output voltage
ION = 50mA, VINx > 3.1V
1
1.2
V
VRL H
RL1 to 4 Off state output voltage
VINx < 50.8V, RL = 580
Ω
0.9 VPS
VPS
V
VINx
IN1 to 4 Transition threshold
0.8
1.9
3.1
V
Buzzer driver with enable control
VINBZ
INBZ
Input muting voltage
0.8
1.5
3.1
V
FBUZ
Buzzer PWM frequency
Duty cycle = 50%
0.01
5
kHz
ROH
BZ2
On state output resistance
VINBZ = 0V, VENBZ > 3.1V,
IBZ2 = 5mA
1
k
Ω
VON
BZ1
On state output voltage
ION = 25mA, VINBZ > 3.1V,
VENBZ = 0V, tp = 50µs
11.4
V
VENBZ
ENBZ
Enable threshold voltage
0.8
2
3.1
V
RBZ
BZ1 - BZ2 Buzzer resistance
1
k
Ω
Speed sensor level shifter
VINS H
INS
High level detection
7
18
V
VINS L
Low level detection
0.8
V
IINS
Internal input current
VINS = 12V
500
800
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com