Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STCC05-B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCC05-B
Description  HOME APPLIANCE CONTROL CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCC05-B Datasheet(HTML) 1 Page - STMicroelectronics

  STCC05-B Datasheet HTML 1Page - STMicroelectronics STCC05-B Datasheet HTML 2Page - STMicroelectronics STCC05-B Datasheet HTML 3Page - STMicroelectronics STCC05-B Datasheet HTML 4Page - STMicroelectronics STCC05-B Datasheet HTML 5Page - STMicroelectronics STCC05-B Datasheet HTML 6Page - STMicroelectronics STCC05-B Datasheet HTML 7Page - STMicroelectronics STCC05-B Datasheet HTML 8Page - STMicroelectronics STCC05-B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
®
1/13
STCC05-B
HOME APPLIANCE CONTROL CIRCUIT
October 2004
REV. 1
BUZZER
R
S
POWER RELAYS
COMPRESSOR RELAY
V
PS
MCU
/RS
T
P02
P03
P01
NMI
VDD
C
UP
PWM
P06
P07
C
DD
VSS
V
DD
P04
V
PS
AC Line
STCC05
V
PS
SMPS
SPEED
SENSOR
V
PS
JP
R
INS
BUZZER
DRIVER
V
PS
V
PS
V
PS
RELAY DRIVER
RELAY DRIVER
RELAY DRIVER
20A RELAY
DRIVER
V
PS
V
PS
5V REGULATOR
RESET
LEVEL SHIFTER
EMI FILTER
30µs FILTER
ZERO VOLTS SYNC.
V
PS
RST\
OUT
S
IN
BZ
IN
3
IN
4
IN
1
IN
2
ZVS
V
DD
EN
BZ
COM
BZ
1
V
PS
IN
S
SYN
RL
1
RL
2
RL
3
RL
4
BZ
2
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
V
PS
RST\
OUT
S
IN
BZ
IN
3
IN
4
IN
1
IN
2
ZVS
V
DD
EN
BZ
RST\
OUT
S
IN
BZ
IN
3
IN
4
IN
1
IN
2
ZVS
V
DD
EN
BZ
COM
BZ
1
V
PS
IN
S
SYN
RL
1
RL
2
RL
3
RL
4
BZ
2
COM
BZ
1
V
PS
IN
S
SYN
RL
1
RL
2
RL
3
RL
4
BZ
2
DIP-20
Table 1. Order Code
Part Number
Marking
STCC05-BD4
STCC05-B
APPLICATIONS
■ Home Appliance digital control
■ AC Power drive and functional safety management
■ Air Conditioner, Refrigerator and Oven applications
■ Compressor, fan, heater and valve drive circuit
FEATURES
■ Wide range input supply voltage operation:
7 to 18V
■ 5 V +/- 5% full tolerance voltage regulator and
50mA output current
■ MCU reset circuit with activation delay time and
hysteresis (3.75V Hi, 3.4V Lo)
■ 30µs digitally filtered inverting Zero Voltage
Synchronization
■ Three 50mA relay coil drivers with demagnetiz-
ing diode
BENEFITS
■ Higher module compactness with reduced component count
■ Drastic reduction of soldered pins on the board for lower use of lead metal
■ Faster module assembly time
■ High transient burst immunity and ESD robustness compliant with IEC61000-4 standards
■ Enhanced functional reliability
■ Enhanced circuit parametric quality
■ Easy to design for short time to market
Figure 1: STCC05 based Air Conditioner application diagram
■ One 150mA relay coil driver with demagnetizing diode for a 20A relay
■ One 30mA peak enhanced buzzer driver with enable pin and soft turn off
■ 12 to 5V robust non inverting level shifter for speed sensor or door switch interface
■ Ambient temperature: - 20 to 85°C


Similar Part No. - STCC05-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-E STMICROELECTRONICS-STCC02-E Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
STCC08 STMICROELECTRONICS-STCC08 Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
STCC08RL STMICROELECTRONICS-STCC08RL Datasheet
258Kb / 13P
AC switch failure mode detector
20-Mar-2008
More results

Similar Description - STCC05-B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCC02-ED5 STMICROELECTRONICS-STCC02-ED5 Datasheet
251Kb / 13P
CONTROL CIRCUIT FOR HOME APPLIANCE MCU BASED APPLICATION
05-Dec-2004
logo
International Rectifier
IRMCF341 IRF-IRMCF341 Datasheet
273Kb / 8P
High Performance Appliance Motor Control IC
logo
Gamewell-FCI by Honeywe...
SNAC-9 GAMEWELL-FCI-SNAC-9 Datasheet
47Kb / 1P
Supplementary notification appliance circuit panel
logo
STMicroelectronics
AN414 STMICROELECTRONICS-AN414 Datasheet
283Kb / 14P
Variable speed drives have become widespread in the home appliance field
05-Feb-2013
logo
Kersemi Electronic Co.,...
5P4SMA KERSEMI-5P4SMA Datasheet
1Mb / 5P
Motor speed control for household appliance
logo
Inchange Semiconductor ...
3P4M ISC-3P4M Datasheet
120Kb / 1P
Motor speed control for household appliance.
5P4M ISC-5P4M Datasheet
144Kb / 1P
Motor speed control for household appliance
8P4M ISC-8P4M Datasheet
144Kb / 1P
Motor speed control for household appliance
logo
E-CMOS Corporation
ECF2100 E-CMOS-ECF2100 Datasheet
525Kb / 5P
RFID smart Gateway for Home automation control
logo
rfsolutions.ltd
WIFI-RF RFSOLUTIONS-WIFI-RF Datasheet
2Mb / 6P
Control home appliances from your phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com