Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511N Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP39F511N
Description  Dual-Channel, Single-Phase Power-Monitoring IC with Calculation
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511N Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP39F511N Datasheet HTML 43Page - Microchip Technology MCP39F511N Datasheet HTML 44Page - Microchip Technology MCP39F511N Datasheet HTML 45Page - Microchip Technology MCP39F511N Datasheet HTML 46Page - Microchip Technology MCP39F511N Datasheet HTML 47Page - Microchip Technology MCP39F511N Datasheet HTML 48Page - Microchip Technology MCP39F511N Datasheet HTML 49Page - Microchip Technology MCP39F511N Datasheet HTML 50Page - Microchip Technology MCP39F511N Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 61 page
background image
 2015-2018 Microchip Technology Inc.
DS20005473B-page 47
MCP39F511N
9.4
Calibrating the Phase
Compensation Register
Phase compensation is provided to adjust for any
phase delay between the current and voltage paths.
Channel 1 and channel 2 both have independent phase
compensation registers. This procedure requires
sinusoidal current and voltage waveforms with a
significant phase shift between them, and significant
amplitudes. The recommended displacement power
factor for calibration is 0.5. The procedure for
calculating the phase compensation register is as
follows:
1.
Determine what the difference is between the
angle corresponding to the measured power
factor (PFMEAS) and the angle corresponding to
the expected power factor (PFEXP), in degrees.
EQUATION 9-7:
2.
Convert this from degrees to the resolution
provided in Equation 9-8.
There are 56 samples per line cycle. One line cycle is
360 degrees, so for each sample, the angle is 360
degrees/56 samples = 6.4257..degrees/sample.
Since the phase compensation has a bit of sign, the
maximum angle error that can be compensated is only
half, that is +/- 3.21..degrees.
Converting the angle to 8-bit resolution gives 256/6.42
degrees = 39.82..with 40 as an approximation.
EQUATION 9-8:
3.
Combine this additional phase compensation to
whatever value is currently in the phase
compensation and update the register. It is
recommended that Equation 9-9 be computed
in terms of an 8-bit two's complement-signed
value. The 8-bit result is placed in the least
significant
byte
of
the
16-bit
Phase
Compensation register.
EQUATION 9-9:
Based on Equation 9-9, the maximum angle in degrees
that can be compensated is ±3.2 degrees. If a larger
phase shift is required, contact your local Microchip
sales office.
PF
MEAS
Active Power
Calibration Power Active
-------------------------------------------------------------------
=
ANGLE
MEA S

PF
MEAS
 180
---------
acos
=
ANGLE
EXP

PF
EXP
 180
---------
acos
=
ANGLE
MEAS
ANGLE
EXP
–
 40
=
Phas eCo mpensation
NEW
PhaseCompensation
OLD
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com