| Electronic Components Datasheet Search |
|
PIMXRT516SAVM2A Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SAVM2A Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 124 page ![]() i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021 18 NXP Semiconductors Modules list SEMA4 Semaphores System Control The SEMA4 module implements hardware-enforced semaphores as an IPS-mapped slave peripheral device and provides 16 hardware-enforced gates in a dual-processor configuration. SEMC Smart External Memory Controller Memory and Memory Controller The SEMC is a multi-standard memory controller optimized for both high-performance and low pin-count. It can support multiple external memories in the same application with shared address and data pins. The interface supported includes SDRAM, NOR Flash, SRAM, and NAND Flash, as well as 8080 display interface. SNVS Secure Non-Volatile Storage Security Secure Non-Volatile Storage, including Secure Real Time Clock, Security State Machine and Master Key Control. SPDIF Sony Philips Digital Interconnect Format Multimedia Peripherals A standard audio file transfer format, developed jointly by the Sony and Phillips corporations. Has Transmitter and Receiver functionality. SSARC State Save and Restore Controller Memories and Memory Controllers The SSARC saves the registers of functional modules in memory before power down, and restores registers from memory after the module is powered up. TEMP SENSE Temperature Sensor Analog The temperature sensor implements a temperature sensor/conversion function based on a temperature-dependent voltage to time conversion. USB1 USB2 Universal Serial Bus 2.0 Connectivity Peripherals USB 2.0 OTG modules (USB OTG1 and USB OTG2) contains: • Two high-speed OTG 2.0 modules with integrated HS USB PHYs • Support eight Transmit (TX) and eight Receive (Rx) endpoints, including endpoint 0 Table 3. i.MX RT1160 modules list (continued) Block Mnemonic Block Name Subsystem Brief Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |