| Electronic Components Datasheet Search |
|
PIMXRT516SAVM2A Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIMXRT516SAVM2A Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 124 page ![]() Modules list i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021 NXP Semiconductors 13 ENET Ethernet Controller Connectivity Peripherals The Ethernet Media Access Controller (MAC) is designed to support 10/100 Mbit/s Ethernet/IEEE 802.3 networks. An external transceiver interface and transceiver function are required to complete the interface to the media. The module has dedicated hardware to support the IEEE 1588 standard. See the ENET chapter of the reference manual for details. ENET 1G Ethernet Controller Connectivity Peripherals One 1G Ethernet is also integrated, which has following features: • RGMII/RMII/MII operation • Support IEEE1588 • Support AVB EWM External Watchdog Monitor Timer Peripherals The EWM modules is designed to monitor external circuits, as well as the software flow. This provides a back-up mechanism to the internal WDOG that can reset the system. The EWM differs from the internal WDOG in that it does not reset the system. The EWM, if allowed to time-out, provides an independent trigger pin that when asserted resets or places an external circuit into a safe mode. FlexIO1 FlexIO2 Flexible Input/output Connectivity and Communications The FlexIO is capable of supporting a wide range of protocols including, but not limited to: UART, I2C, SPI, I2S, camera interface, display interface, PWM waveform generation, etc. The module can remain functional when the chip is in a low power mode provided the clock it is using remain active. FlexPWM1 FlexPWM2 FlexPWM3 FlexPWM4 Pulse Width Modulation Timer Peripherals The pulse-width modulator (PWM) contains four PWM sub-modules, each of which is set up to control a single half-bridge power stage. Fault channel support is provided. The PWM module can generate various switching patterns, including highly sophisticated waveforms. FlexRAM RAM Memories The i.MX RT1160 has 512 KB of on-chip RAM which could be flexible allocated to I-TCM, D-TCM, and on-chip RAM (OCRAM) in a 32 KB granularity. The FlexRAM is the manager of the 512 KB on-chip RAM array. Major functions of this blocks are: interfacing to I-TCM and D-TCM of CM7 and OCRAM controller; dynamic RAM arrays allocation for I-TCM, D-TCM, and OCRAM. FlexSPI1 FlexSPI2 Flexible Serial Peripheral Interface Connectivity and Communications FlexSPI acts as an interface to one or two external serial memory devices, FlexSPI2 has 8 bi-directional data lines. Table 3. i.MX RT1160 modules list (continued) Block Mnemonic Block Name Subsystem Brief Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |