Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT516SAVM2A Datasheet(PDF) 123 Page - NXP Semiconductors

Part # PIMXRT516SAVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SAVM2A Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button PIMXRT516SAVM2A Datasheet HTML 116Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 117Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 118Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 119Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 120Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 121Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 122Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 123Page - NXP Semiconductors PIMXRT516SAVM2A Datasheet HTML 124Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 123 / 124 page
background image
No offer to sell or license — Nothing in this document may be interpreted or construed as an offer to sell products that
is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other
industrial or intellectual property rights.
Hazardous voltage — Although basic supply voltages of the product may be much lower, circuit voltages up to 60 V
may appear when operating this product, depending on settings and application. Customers incorporating or otherwise
using these products in applications where such high voltages may appear during operation, assembly, test etc. of such
application, do so at their own risk. Customers agree to fully indemnify NXP Semiconductors for any damages resulting
from or in connection with such high voltages. Furthermore, customers are drawn to safety standards (IEC 950, EN 60
950, CENELEC, ISO, etc.) and other (legal) requirements applying to such high voltages.
Bare die — All die are tested on compliance with their related technical specifications as stated in this data sheet up
to the point of wafer sawing and are handled in accordance with the NXP Semiconductors storage and transportation
conditions. If there are data sheet limits not guaranteed, these will be separately indicated in the data sheet. There are
no post-packing tests performed on individual die or wafers.
NXP Semiconductors has no control of third party procedures in the sawing, handling, packing or assembly of the die.
Accordingly, NXP Semiconductors assumes no liability for device functionality or performance of the die or systems
after third party sawing, handling, packing or assembly of the die. It is the responsibility of the customer to test and
qualify their application in which the die is used. All die sales are conditioned upon and subject to the customer entering
into a written die sale agreement with NXP Semiconductors through its legal department.
Quick reference data — The Quick reference data is an extract of the product data given in the Limiting values and
Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
Export control — This document as well as the item(s) described herein may be subject to export control regulations.
Export might require a prior authorization from competent authorities.
Evaluation products —This product is provided on an “as is” and “with all faults” basis for evaluation purposes only.
NXP Semiconductors, its affiliates and their suppliers expressly disclaim all warranties, whether express, implied or
statutory, including but not limited to the implied warranties of non-infringement, merchantability and fitness for a
particular purpose. The entire risk as to the quality, or arising out of the use or performance, of this product remains with
customer. In no event shall NXP Semiconductors, its affiliates or their suppliers be liable to customer for any special,
indirect, consequential, punitive or incidental damages (including without limitation damages for loss of business,
business interruption, loss of use, loss of data or information, and the like) arising out the use of or inability to use the
product, whether or not based on tort (including negligence), strict liability, breach of contract, breach of warranty or
any other theory, even if advised of the possibility of such damages.
Notwithstanding any damages that customer might incur for any reason whatsoever (including without limitation, all
damages referenced above and all direct or general damages), the entire liability of NXP Semiconductors, its affiliates
and their suppliers and customer’s exclusive remedy for all of the foregoing shall be limited to actual damages incurred
by customer based on reasonable reliance up to the greater of the amount actually paid by customer for the product
or five dollars (US$5.00). The foregoing limitations, exclusions and disclaimers shall apply to the maximum extent
permitted by applicable law, even if any remedy fails of its essential purpose.
Translations — A non-English (translated) version of a document is for reference only. The English version shall prevail
in case of any discrepancy between the translated and English versions.
NXP, the NXP logo, NXP SECURE CONNECTIONS FOR A SMARTER WORLD, COOLFLUX,EMBRACE,
GREENCHIP, HITAG, ICODE, JCOP, LIFE, VIBES, MIFARE, MIFARE CLASSIC, MIFARE DESFire, MIFARE
PLUS, MIFARE FLEX, MANTIS, MIFARE ULTRALIGHT, MIFARE4MOBILE, MIGLO, NTAG, ROADLINK, SMARTLX,
SMARTMX, STARPLUG, TOPFET, TRENCHMOS, UCODE, Freescale, the Freescale logo, CodeWarrior, ColdFire,
ColdFire+, the Energy Efficient Solutions logo, Kinetis, Layerscape, mobileGT, PEG, PowerQUICC, Processor Expert,
QorIQ, QorIQ Qonverge, SafeAssure, the SafeAssure logo, StarCore, Symphony, VortiQa, Vybrid, Airfast, BeeKit,
BeeStack, CoreNet, Flexis, MXC, Platform in a Package, QUICC Engine, Tower, TurboLink, EdgeScale, EdgeLock,
eIQ, and Immersive3D are trademarks of NXP B.V. All other product or service names are the property of their
respective owners. AMBA, Arm, Arm7, Arm7TDMI, Arm9, Arm11, Artisan, big.LITTLE, Cordio, CoreLink, CoreSight,
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com