Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317SX/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM317SX/NOPB
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317SX/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM317SX/NOPB Datasheet HTML 26Page - Texas Instruments LM317SX/NOPB Datasheet HTML 27Page - Texas Instruments LM317SX/NOPB Datasheet HTML 28Page - Texas Instruments LM317SX/NOPB Datasheet HTML 29Page - Texas Instruments LM317SX/NOPB Datasheet HTML 30Page - Texas Instruments LM317SX/NOPB Datasheet HTML 31Page - Texas Instruments LM317SX/NOPB Datasheet HTML 32Page - Texas Instruments LM317SX/NOPB Datasheet HTML 33Page - Texas Instruments LM317SX/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
30
LM117, LM317-N
SNVS774Q – MAY 2004 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Layout Guidelines (continued)
11.1.1.2.2
Heatsinking the TO-263 (KTT) Package
Figure 39 shows for the TO-263 the measured values of RθJA for different copper area sizes using a typical PCB
with 1-oz. copper and no solder mask over the copper area used for heatsinking.
As shown in Figure 39, increasing the copper area beyond 1 square inch produces very little improvement. It
must also be observed that the minimum value of RθJA for the TO-263 package mounted to a PCB is 32°C/W.
Figure 39. RθJA vs Copper (1-oz.) Area for the TO-263 Package
As a design aid, Figure 40 shows the maximum allowable power dissipation compared to ambient temperature
for the TO-263 device (assuming RθJA is 35°C/W and the maximum junction temperature is 125°C).
Figure 40. Maximum Power Dissipation vs TAMB for the TO-263 Package
11.1.1.2.3
Heatsinking the TO-252 (NDP) Package
If the maximum allowable value for RθJA is found to be ≥ 54°C/W (typical rated value) for the TO-252 package, no
heatsink is needed because the package alone will dissipate enough heat to satisfy these requirements. If the
calculated value for RθJA falls below these limits, a heatsink is required.
As a design aid, Table 1 shows the value of the RθJA of NDP the package for different heatsink area. The copper
patterns that we used to measure these RθJAs are shown in Figure 45. Figure 41 reflects the same test results as
what are in Table 1.
Figure 42 shows the maximum allowable power dissipation versus ambient temperature for the TO-252 device.
Figure 43 shows the maximum allowable power dissipation versus copper area (in2) for the TO-252 device. See
the AN-1028 Maximum Power Enhancement Techniques for Power Packages application note for thermal
enhancement techniques to be used with SOT-223 and TO-252 packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com