Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM317SX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM317SX/NOPB
Description  LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317SX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM317SX/NOPB Datasheet HTML 16Page - Texas Instruments LM317SX/NOPB Datasheet HTML 17Page - Texas Instruments LM317SX/NOPB Datasheet HTML 18Page - Texas Instruments LM317SX/NOPB Datasheet HTML 19Page - Texas Instruments LM317SX/NOPB Datasheet HTML 20Page - Texas Instruments LM317SX/NOPB Datasheet HTML 21Page - Texas Instruments LM317SX/NOPB Datasheet HTML 22Page - Texas Instruments LM317SX/NOPB Datasheet HTML 23Page - Texas Instruments LM317SX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
three LM195 devices in parallel
LM117
20
LM117, LM317-N
SNVS774Q – MAY 2004 – REVISED JUNE 2020
www.ti.com
Product Folder Links: LM117 LM317-N
Submit Documentation Feedback
Copyright © 2004–2020, Texas Instruments Incorporated
Typical Applications (continued)
9.2.6 High-Current Adjustable Regulator
Using the LM195 power transistor in parallel with the LM117 can increase the maximum possible output load
current (see Figure 24). Sense resistor R1 provides the 0.6 V across base to emitter to turn on the PNP. This on
switch allows current to flow, and the voltage drop across R3 drives three LM195 power transistors designed to
carry an excess of 1 A each.
NOTE
The selection of R1 determines a minimum load current for the PNP to turn on. The higher
the resistor value, the lower the load current must be before the transistors turn on.
NOTE: ‡Optional—improves ripple rejection
†Solid tantalum
*Minimum load current = 30 mA
Figure 24. High-Current Adjustable Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com