Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6911E Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6911E
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6911E Datasheet HTML 2Page - STMicroelectronics L6911E Datasheet HTML 3Page - STMicroelectronics L6911E Datasheet HTML 4Page - STMicroelectronics L6911E Datasheet HTML 5Page - STMicroelectronics L6911E Datasheet HTML 6Page - STMicroelectronics L6911E Datasheet HTML 7Page - STMicroelectronics L6911E Datasheet HTML 8Page - STMicroelectronics L6911E Datasheet HTML 9Page - STMicroelectronics L6911E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
L6911E
6/20
VCC =12V
VCC =5V
Switching frequency variations vs. RT are reported in Fig.1.
Note that forcing a 50
µA current into this pin, the device stops switching because no current is delivered to the
oscillator.
Figure 1.
Digital to Analog Converter
The built-in digital to analog converter allows the adjustment of the output voltage from 1.050V to 1.825V with
25mV binary steps as shown in the previous table 1. The internal reference is trimmed to ensure the precision
of 1%.
The internal reference voltage for the regulation is programmed by the voltage identification (VID) pins. These
are TTL compatible inputs of an internal DAC that is realised by means of a series of resistors rpoviding a par-
tition of the internal voltage reference. The VID code drives a multiplexer that selects a voltage on a precise
point of the divider. The DAC output is delivered to an amplifier obtaining the VPROG voltage reference (i.e. the
set-point of the error amplifier). Internal pull-ups are provided (realized with a 5
µA current generator); in this
way, to program a logic ”1” it is enough to leave the pin floating, while to program a logic ”0” it is enough to short
the pin to GND.
The voltage identification (VID) pin configuration also sets the power-good thresholds (PGOOD) and the over-
voltage protection (OVP) thresholds.
Soft Start and Inhibit
At start-up a ramp is generated charging the external capacitor CSS by means of a 10µA constant current, as
shown in figure 2.
When the voltage across the soft start capacitor (VSS) reaches 0.5V the lower power MOS is turned on to dis-
charge the output capacitor. As VSS reaches 1V (i.e. the oscillator triangular wave inferior limit) also the upper
f
S
200kH z
4.306 10
7
⋅
R
T k Ω
()
-----------------------------
+
=
f
S
200k H z
15 10
7
⋅
R
T k Ω
()
--------------------
+
=
10
10 0
1000
Fr equency [ kH z]
10
100
1000
10000
RT to G N D
RT to V CC= 12 V
RT to V CC= 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com